Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEK331M025ST Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SEK331M025ST
Description  105 ?C Radial Leaded Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SEK331M025ST Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SEK331M025ST Datasheet HTML 1Page - Cornell Dubilier Electronics SEK331M025ST Datasheet HTML 2Page - Cornell Dubilier Electronics SEK331M025ST Datasheet HTML 3Page - Cornell Dubilier Electronics SEK331M025ST Datasheet HTML 4Page - Cornell Dubilier Electronics SEK331M025ST Datasheet HTML 5Page - Cornell Dubilier Electronics SEK331M025ST Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SEK 105 ºC Radial Leaded Aluminum Electrolytic Capacitors
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
25 ºC
105 ºC
Diameter
Length
Lead Space
Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
6.3 Vdc (8 Volts Surge)
100
SEK101M6R3ST
3.45
100
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
220
SEK221M6R3ST
1.57
165
.248 (6.3)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
330
SEK331M6R3ST
1.05
200
.248 (6.3)
.453 (11.5)
.098 (2.5)
.0197 (0.5)
470
SEK471M6R3ST
0.73
280
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
1000
SEK102M6R3ST
0.35
470
.394 (10.0)
.512 (13.0)
.197 (5.0)
.0236 (0.6)
2200
SEK222M6R3ST
0.17
930
.394 (10.0)
.827 (21.0)
.197 (5.0)
.0236 (0.6)
3300
SEK332M6R3ST
0.12
1100
.512 (13.0)
.827 (21.0)
.197 (5.0)
.0236 (0.6)
4700
SEK472M6R3ST
0.10
1320
.630 (16.0)
.984 (26.0)
.197 (5.0)
.0236 (0.6)
6800
SEK682M6R3ST
0.07
1490
.630 (16.0)
.984 (25.0)
.295 (7.5)
.0315 (0.8)
10000
SEK103M6R3ST
0.06
1830
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
15000
SEK153M6R3ST
0.05
2280
.709 (18.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)
10 Vdc (13 Volts Surge)
47
SEK470M010ST
6.21
75
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SEK101M010ST
2.92
110
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
220
SEK221M010ST
1.33
180
.248 (6.3)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
330
SEK331M010ST
0.88
255
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
470
SEK471M010ST
0.62
305
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
1000
SEK102M010ST
0.29
570
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
2200
SEK222M010ST
0.14
1010
.512 (13.0)
.827 (21.0)
.197 (5.0)
.0236 (0.6)
3300
SEK332M010ST
0.10
1220
.512 (13.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
4700
SEK472M010ST
0.08
1410
.630 (16.0)
.984 (25.0)
.295 (7.5)
.0315 (0.8)
6800
SEK682M010ST
0.07
1610
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
10000
SEK103M010ST
0.05
1980
.709 (18.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)
15000
SEK153M010ST
0.04
3330
.709 (18.0)
1.65 (42.0)
.295 (7.5)
.0315 (0.8)
16 Vdc (20 Volts Surge)
33
SEK330M016ST
7.24
70
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SEK470M016ST
5.08
85
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SEK101M016ST
2.39
135
.248 (6.3)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
220
SEK221M016ST
1.09
235
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
330
SEK331M016ST
0.72
285
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
470
SEK471M016ST
0.51
395
.394 (10.0)
.512 (13.0)
.197 (5.0)
.0236 (0.6)
1000
SEK102M016ST
0.24
700
.394 (10.0)
.827 (21.0)
.197 (5.0)
.0236 (0.6)
2200
SEK222M016ST
0.12
1150
.512 (13.0)
.827 (21.0)
.197 (5.0)
.0236 (0.6)
3300
SEK332M016ST
0.09
1350
.512 (13.0)
.984 (26.0)
.197 (5.0)
.0236 (0.6)
4700
SEK472M016ST
0.07
1560
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
6800
SEK682M016ST
0.06
1790
.709 (18.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)
10000
SEK103M016ST
0.05
2884
.709 (18.0)
1.65 (42.0)
.295 (7.5)
.0315 (0.8)
25 Vdc (32 Volts Surge)
10
SEK100M025ST
21.23
50
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SEK220M025ST
9.65
60
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SEK330M025ST
6.43
75
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SEK470M025ST
4.52
90
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SEK101M025ST
2.12
145
.248 (6.3)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
220
SEK221M025ST
0.97
250
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
330
SEK331M025ST
0.64
355
.394 (10.0)
.512 (13.0)
.197 (5.0)
.0236 (0.6)
Capacitance
Rated
Lead
Type Capacitance Tolerance
Voltage
Packaging
Configuration
(µF)
(%)
(Vdc)
SEK
100
M
100
S
T
3R0 = 3
K = ±10
6R3 = 6.3
A = Tape & Ammo
1 = Lead cut
100 = 10
M = ±20
010 = 10
E = Different Characteristic
2 = Lead form
101 = 100
100 = 100
R = Tape & Reel
4 = Lead crimp & cut (form)
102 = 1000
S = Standard
T = Standard
Ratings
RoHS Compliant



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com