Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STBV68 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STBV68
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBV68 Datasheet(HTML) 2 Page - STMicroelectronics

  STBV68 Datasheet HTML 1Page - STMicroelectronics STBV68 Datasheet HTML 2Page - STMicroelectronics STBV68 Datasheet HTML 3Page - STMicroelectronics STBV68 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-amb
Thermal Resistance Junction-ambient
Max
140
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEV
Collector Cut-off
Current (VBE = -1.5 V)
VCE = 600 V
250
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VBE = 9 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 1 mA
L = 25mH
400
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 0.1 A
IB = 20 mA
IC = 0.15 A
IB = 50 mA
IC = 0.25 A
IB = 100 mA
0.35
0.8
3.0
0.75
1.5
5
V
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 0.1 A
IB = 20 mA
IC = 0.15 A
IB = 50 mA
1.0
1.2
V
V
hFE
∗
DC Current Gain
IC = 0.1 A
VCE = 5 V
IC = 0.25 A
VCE = 10 V
7
3
15
6
tf
INDUCTIVE LOAD
Fall Time
IC = 0.1 A
Vclamp = 300 V
IB1 = - IB2 = 20 mA
L =3 mH
0.3
µs
∗ Pulsed: Pulse duration = 300µs, duty cycle = 1.5 %
STBV68
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com