Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STBV68 Datasheet (PDF) - STMicroelectronics

Part # STBV68
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
File Size   41.83 Kbytes
Html View  1   2   3   4 
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBV68 Datasheet (PDF) - STMicroelectronics



Similar Part No. - STBV68

ManufacturerPart #DatasheetDescription
logo
Innogration Technologie...
STBV10350BY4 INNOGRATION-STBV10350BY4 Datasheet
1Mb / 6P
Gallium Nitride 50V, 350W,0.6-1GHz RF Power Transistor
STBV10500BY4 INNOGRATION-STBV10500BY4 Datasheet
1Mb / 6P
Gallium Nitride 50V, 500W,0.6-1GHz RF Power Transistor
STBV15600BY4 INNOGRATION-STBV15600BY4 Datasheet
1Mb / 6P
GaN HEMT 50V, 600W,1.3-1.6GHz RF Power Transistor
STBV18200BY4 INNOGRATION-STBV18200BY4 Datasheet
1Mb / 6P
Gallium Nitride 50V, 200W,1.3-1.8GHz RF Power Transistor
STBV20500BY4 INNOGRATION-STBV20500BY4 Datasheet
1Mb / 6P
GaN HEMT 50V, 500W,1.8-2.0GHz RF Power Transistor
More results


Similar Description - STBV68

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com