Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST75C520 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 34Page - STMicroelectronics ST75C520 Datasheet HTML 35Page - STMicroelectronics ST75C520 Datasheet HTML 36Page - STMicroelectronics ST75C520 Datasheet HTML 37Page - STMicroelectronics ST75C520 Datasheet HTML 38Page - STMicroelectronics ST75C520 Datasheet HTML 39Page - STMicroelectronics ST75C520 Datasheet HTML 40Page - STMicroelectronics ST75C520 Datasheet HTML 41Page - STMicroelectronics ST75C520 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
VIII.3 - Example
BIQUADRATIC
FILTER
#3
LEVEL #3
POW ER
#3
POWER
#4
POWER
#5
LEVEL #4
LEVEL #5
COMP.
#4
COMP.
#3
COMP.
#5
D3
D4
D5
BIQUADRATIC
FILTER
#5
BIQUADRATIC
FILTER
#4
RX SIGNAL
GROUND
@00
@01
@02
@03
@13
@14
@15
@23
@33
@24
@34
@25
@35
TONEDET0
2
2
Figure 6 : Wiring Example
Hereunder is an example of programming a single
Tone detection (using Cell #3) and a complex dif-
ferential tone detection (using Cell #4 and #5).
Bit 3 of the TONEDET variable will be triggered
each time the energy of that filtered signal is higher
than Static Level number 3.
Bit 4 of the TONEDET variable will be on each time
a receive signal has an energy higher than the
Static Level number 4. Bit 5 will be on only when
the Filtered (Filter section 4 and 5) received signal
higher than the energy of the wide-band signal
number 4 ; this prevents triggering on noise.
Program Cell #3 :
TDWW
03
00
13
01
Connect Received signal to Filter and Filter to Energy.
TDWW
03
01
33
23
Connect Level to Comparator Neg Input and Energy to Pos Input.
Program Cell #4 and #5 :
TDWW
04
00
01
01
Connect Received Signal to Filter and Energy.
TDWW
04
01
34
24
Connect Level to Comparator Neg Input and Energy to Pos Input.
TDWW
05
00
15
14
Connect Filter#4 Output to Filter and Filter to Energy.
TDWW
05
01
24
25
Connect Wide-band Energy to Neg Input and Energy to Pos Input.
IX - BUFFER OPERATIONS
IX.1 - Introduction
This appendixis dedicatedto buffer operation, either the data buffersused in data exchanges or in particular
Modes (like Voice).
The first part is oriented towards a functional description of the buffer operation, while the second section
is more oriented towards the management of the buffers.
ST75C520
38/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com