Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST75C520 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 3 Page - STMicroelectronics

  ST75C520 Datasheet HTML 1Page - STMicroelectronics ST75C520 Datasheet HTML 2Page - STMicroelectronics ST75C520 Datasheet HTML 3Page - STMicroelectronics ST75C520 Datasheet HTML 4Page - STMicroelectronics ST75C520 Datasheet HTML 5Page - STMicroelectronics ST75C520 Datasheet HTML 6Page - STMicroelectronics ST75C520 Datasheet HTML 7Page - STMicroelectronics ST75C520 Datasheet HTML 8Page - STMicroelectronics ST75C520 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
38 39 40 41 42 43 44 45 46 47 48
33 34 35 36 37
AGNDT
RXA2
RXA1
AGNDR
EXTAL
XTAL
CLKOUT
HALT
RESET
SCOUT
BOS
EOS
SA0
SA1
SA2
SA3
SA4
SA5
SA6
GND
SD0
SD1
SD2
SD3
SD4
SD5
SD6
VCM
VREFP
VREFN
AV
DD
VDD
I - PIN DESCRIPTION
I.1 - Pin Connections
I.2 - Host Interface
The exchanges with the control processor proceed through a 64 Bytes DUAL port RAM shared between
the ST75C520 and the Host. The signals associated with this interface are :
Pin Name
Type
Description
SD0..SD7
I/O
System Data Bus. 8-bit data bus used for asynchronous exchanges between the ST75C520
and the Host through the dual port RAM. High impedance when exchanges are not active.
SA0..SA6
I
System Address Bus. 7-bit address bus for dual port RAM.
SDS (SRD)
I
System Data Strobe. Active low. Synchronizes all the exchanges. In Motorola mode initiates
the exchange, active low. In Intel mode initiates a read exchange, active low.
SR/W (SWR)
I
System Read/Write. In Motorola mode defines the type of exchange read/write. In Intel
mode initiates a write exchange, active low.
SCS
I
System Chip Select. Active low.
SDTACK
OD
System Bus Data Acknowledge. Active low. Open drain.
SINTR
OD
System Interrupt Request. Active low. This signal is asserted by the ST75C520 and
negated by the host. Open drain.
RESET
I
Reset. Active low.
RING
I
Ring Detect Signal. Active low.
INT/MOT
I
Select Intel/Motorola Interface.
ST75C520
3/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com