Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7538 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST7538
Description  POWER LINE FSK TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538 Datasheet(HTML) 3 Page - STMicroelectronics

  ST7538 Datasheet HTML 1Page - STMicroelectronics ST7538 Datasheet HTML 2Page - STMicroelectronics ST7538 Datasheet HTML 3Page - STMicroelectronics ST7538 Datasheet HTML 4Page - STMicroelectronics ST7538 Datasheet HTML 5Page - STMicroelectronics ST7538 Datasheet HTML 6Page - STMicroelectronics ST7538 Datasheet HTML 7Page - STMicroelectronics ST7538 Datasheet HTML 8Page - STMicroelectronics ST7538 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3/30
ST7538
14
WD
Digital/Input
with internal pull-up
Watchdog input. The Internal Watchdog Counter is cleared on the
falling edges.
15
ZCOUT
Digital/Output
Zero Crossing Detection Output
16
ZCIN1
Analog/Input
Zero Crossing AC Input.
17
NC
Floating
Must be connected to DVss.
18
DVss
Supply
Digital Ground
19
ATOP1
Power/Output
Power Line Driver Output
20
PAVss
Supply
Power Analog Ground
21
ATOP2
Power/Output
Power Line Driver Output
22
PAVCC
Supply
Power Supply Voltage
23
CL2
Analog/Input
Current Limiting Feedback.
A resistor between CL and AVss sets the PLI Current Limiting Value
24
ATO
Analog/Output
Small Signal Analog Transmit Output
25
SGND
Supply
Analog Signal Ground
26
XOUT
Analog I/O
Crystal Output- External Clock Input
27
XIN
Analog Input
Crystal Oscillator Input
28
AVdd
Supply
Analog Power supply.
29
Vsense3
Analog/Input
Output Voltage Sensing input for the voltage control loop
30
TEST2
Analog/Input
Test Input must be connected SGND
31
RxFO
Analog/Output
Receiving Filter Output
32
RAI
Analog/Input
Receiving Analog Input
33
VDC
Power
5V Voltage Regulator Output
34
NC
floating
Must Be connected to DVss.
35
TEST1
Digital/Input
with internal pull-down
Test input. Must Be connected to DVss.
36
REGOK
Digital/Output
Security checksum logic output
"1" - Stored data Corrupted
"0" - Stored data OK
37
C_MINUS4 Analog/Input
Op-amp Inverting Input.
38
C_PLUS5
Analog/Input
Op-amp Not Inverting Input.
39
NC
floating
Must Be connected to DVss
40
C_OUT
Analog/Output
Op-amp Output
41
GND
Supply
Substrate Ground (same function as PIN 6)
42
PG
Digital/Output
Power Good logic Output
"1" - VDC is above 4.5V
"0" - VDC is below 4.25V
43
REG_DATA
Digital/Input
with internal pull-down
Mains or Control Register Access Selector
"1" - Control Register Access
"0" - Mains Access
44
NC
floating
Must be connected to DVss.
<1>
If not used this pin must be connected to VDC
<2>
Cannot be left floating
<3>
Cannot be left floating
<4>
If not used this pin must be connected to VDC
<5>
If not used this pin must be tied low (SGND or PAVss or DVss)
PIN DESCRIPTION (continued)
N°
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com