Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7538 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST7538
Description  POWER LINE FSK TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST7538 Datasheet HTML 4Page - STMicroelectronics ST7538 Datasheet HTML 5Page - STMicroelectronics ST7538 Datasheet HTML 6Page - STMicroelectronics ST7538 Datasheet HTML 7Page - STMicroelectronics ST7538 Datasheet HTML 8Page - STMicroelectronics ST7538 Datasheet HTML 9Page - STMicroelectronics ST7538 Datasheet HTML 10Page - STMicroelectronics ST7538 Datasheet HTML 11Page - STMicroelectronics ST7538 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ST7538
8/30
ZC(LOW)
Zero Crossing Detection Low
Threshold
-45
-5
mV
ZC(HIGH)
Zero Crossing Detection High
Threshold
5
+45
mV
ZC(OFFSET) Zero Crossing Offset
-20
+20
mV
Operational Amplifier
COUT(Sync) Max Sync Current
15
28
45
mA
COUT(Source) Max Source Current
-30
-20
-10
mA
CIN(Offset)
Input Terminals OFFSET
-38
+38
mV
GBWP
Gain Bandwidth Product
6
7
9
MHz
Serial Interface
Ts
Setup Time
see figure 3, 5, 6, 7 & 8
5
ns
TH
Hold Time
see figure 3, 5, 6, 7 & 8
2
ns
TCR
CLR/T vs. REG_DATA or RxTx
see figure 3, 5, 6, 7 & 8
TB/4
TCC
CLR/T vs. CLR/T
see figure 3, 5, 6, 7 & 8
TB
2*TB
TDS
Setup Time
see figure 3, 5, 6, 7 & 8
TB/4
TB/2
TDH
Hold Time
see figure 3, 5, 6, 7 & 8
TB/4
TB/2
TCRP
see figure 4
TH
TB/2
ELECTRICAL CHARACTERISTCS (continued)
(AVcc = DVcc = +5V, PAVcc =+9 V, PAVss, SGND = DVss = 0V,-40°C
≤ Tamb ≤ 85°C, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com