Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7261 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7261
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7261 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7261 Datasheet HTML 9Page - STMicroelectronics ST7261 Datasheet HTML 10Page - STMicroelectronics ST7261 Datasheet HTML 11Page - STMicroelectronics ST7261 Datasheet HTML 12Page - STMicroelectronics ST7261 Datasheet HTML 13Page - STMicroelectronics ST7261 Datasheet HTML 14Page - STMicroelectronics ST7261 Datasheet HTML 15Page - STMicroelectronics ST7261 Datasheet HTML 16Page - STMicroelectronics ST7261 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
ST7261
13/80
5 CLOCKS AND RESET
5.1 CLOCK SYSTEM
5.1.1 General Description
The MCU accepts either a Crystal or Ceramic res-
onator, or an external clock signal to drive the in-
ternal oscillator. The internal clock (fCPU) is de-
rived from the external oscillator frequency (fOSC),
by dividing by 3 and multiplying by 2. By setting the
OSC12/6 bit in the option byte, a 12 MHz external
clock can be used giving an internal frequency of 8
MHz while maintaining a 6 MHz clock for USB (re-
fer to Figure 10).
The internal clock signal (fCPU) consists of a
square wave with a duty cycle of 50%.
It is further divided by 1, 2, 4 or 8 depending on the
Slow Mode Selection bits in the Miscellaneous
register (SMS[1:0])
The internal oscillator is designed to operate with
an AT-cut parallel resonant quartz or ceramic res-
onator in the frequency range specified for fosc.
The circuit shown in Figure 9 is recommended
when using a crystal, and Table 3 lists the recom-
mended capacitors. The crystal and associated
components should be mounted as close as pos-
sible to the input pins in order to minimize output
distortion and start-up stabilization time.
Table 3. Recommended Values for 12 MHz
Crystal Resonator
Note: RSMAX is the equivalent serial resistor of the
crystal (see crystal specification).
5.1.2 External Clock input
An external clock may be applied to the OSCIN in-
put with the OSCOUT pin not connected, as
shown on Figure 8. The tOXOV specifications does
not apply when using an external clock input. The
equivalent specification of the external clock
source should be used instead of tOXOV (see Elec-
trical Characteristics).
5.1.3 Clock Output Pin (MCO)
The internal clock (fCPU) can be output on Port B0
by setting the MCO bit in the Miscellaneous regis-
ter.
Figure 8. External Clock Source Connections
Figure 9. Crystal/Ceramic Resonator
Figure 10. Clock block diagram
RSMAX
20
Ω
25
Ω
70
Ω
COSCIN
56pF
47pF
22pF
COSCOUT
56pF
47pF
22pF
RP
1-10 M
Ω
1-10 M
Ω
1-10 M
Ω
OSCIN
OSCOUT
EXTERNAL
CLOCK
NC
OSCIN
OSCOUT
COSCIN
COSCOUT
to CPU and
fCPU 8/4/2/1 MHz
6 MHz (USB)
12 or
peripherals
%2
0
1
OSC12/6
6 MHz
Crystal
x2
Slow
Mode
%
SMS[1:0]
1/2/4/8
%3
(or 4/2/1/0.5 MHz)
MCO pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com