Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7261 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST7261
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7261 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST7261 Datasheet HTML 64Page - STMicroelectronics ST7261 Datasheet HTML 65Page - STMicroelectronics ST7261 Datasheet HTML 66Page - STMicroelectronics ST7261 Datasheet HTML 67Page - STMicroelectronics ST7261 Datasheet HTML 68Page - STMicroelectronics ST7261 Datasheet HTML 69Page - STMicroelectronics ST7261 Datasheet HTML 70Page - STMicroelectronics ST7261 Datasheet HTML 71Page - STMicroelectronics ST7261 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 80 page
background image
ST7261
68/80
12 PACKAGE MECHANICAL DATA
Figure 56. 20-Pin Plastic Small Outline Package, 300-mil Width
Figure 57. 20-Pin Plastic Dual In-Line Package, 300-mil Width
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.35
2.65 0.0926
0.1043
A1
0.10
0.0040
B
0.33
0.51 0.0130
0.0200
C
0.32
0.0125
D
4.98
13.00 0.1961
0.5118
E
7.40
7.60 0.2914
0.2992
e
1.27
0.050
H
10.01
10.64 0.394
0.419
h
0.25
0.74
0.010
0.029
K
0°
8°
0°
8°
L
0.41
1.27
0.016
0.050
G
0.10
0.004
Number of Pins
N20
SO20
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
5.33
0.210
A2
2.92
3.30
4.95 0.115 0.130 0.195
b
0.36
0.46
0.56 0.014 0.018 0.022
b2
1.14
1.52
1.78 0.045 0.060 0.070
c
0.20
0.25
0.36 0.008 0.010 0.014
D
24.89
26.92 0.980
1.060
e
2.54
0.100
E1
6.10
6.35
7.11 0.240 0.250 0.280
L
2.92
3.30
3.81 0.115 0.130 0.150
Number of Pins
N
20
PDIP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com