Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST20-SWCSUN Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST20-SWCSUN
Description  ST20 software development and debugging tools
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-SWCSUN Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST20-SWCSUN Datasheet HTML 13Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 14Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 15Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 16Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 17Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 18Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 19Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 20Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
ST20–SWC
18/21
5.3
AServer features
This type of architecture offers a number of advantages:
1
The AServer handles multiple services.
A number of services may be available on one device, handled by a single gateway. For
example, new services may be added without modifying a standard server.
2
The AServer handles multiple clients.
Any process on any processor in the target hardware may open a connection to any service.
The process opening the connection is called the client. Several clients may access the same
service. The gateway will automatically start new services as they are requested.
3
Services are easy to extend.
The AServer enables users to extend the set of services that are available to a user ’sapplica-
tion. The AServer provides the core technology to allow users to create new services by
providing new processes. For example, the iserver service provides terminal text i/o, file
access and system services, which may be expanded by adding new AServer service
processes such as a graphics interface.
4
AServer communications can be fast and efficient.
The communications over the link between gateways use mega-packets, which make effi-
cient use of the available bandwidth. Messages between the client and the service are divided
into packets of up to 1 kbyte. The packets are bundled into mega-packets to send over the
hardware serial link. Packets from different clients and services can be interleaved to reduce
latency.
5
AServer communications are independent of hardware.
When an AServer connection has been established the process can send data messages of
arbitrary length to the service it is connected to, receive data messages of arbitrary length and
disconnect from the service. The gateways are responsible for building and dividing mega-
packets and complying with hardware protocols.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com