Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST20-SWCSUN Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST20-SWCSUN
Description  ST20 software development and debugging tools
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-SWCSUN Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST20-SWCSUN Datasheet HTML 3Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 4Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 5Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 6Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 7Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 8Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 9Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 10Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ST20–SWC
7/21
2.3.2
Access to the instruction set
ANSI C is a good language for writing embedded applications, since it combines the constructs of
a high level programming language with low level access to the hardware through assembler inserts.
To make the access to some of the ST20 instructions even more effective, a number of special library
functions have been defined which the optimizing compiler can render as in-line code. This removes
the overhead of a library call, but it also gives the optimizer more information on what the program
is doing.
Normally, when the optimizer sees a function containing some assembler code, it must make very
conservative assumptions about the effect the code has on its surroundings, e.g. on static variables
and parameters. By using the functions defined to access the instructions, the optimizer knows
exactly what the effects will be and can make the correct assumptions for the side-effects of the code.
The ST20 instructions that can be accessed in this way include block moves, channel input and
output, bit manipulation, CRC computations, semaphores and some scheduling operations.
2.3.3
Run-time overhead reduction
In order to support the full ANSI C language, a significant run-time library is necessary. The toolset
is supplied with another library, known as the
reduced library, which does not support file system and
environment requests, which depend on a host.
If some of the other features in ANSI C are not used, then it may be possible to reduce the overhead
further by modifying the run-time initialization, the source of which is provided.
2.3.4
Assembler inserts
Within the SGS-THOMSON implementation of the ANSI C language, assembler code can be written
at any point to achieve direct access to ST20 instructions for reasons of speed and code size. Full
access is available to the ST20 instruction set and C program variables.
2.3.5
Assembler
If there is no other way to obtain the code required, for example when writing customized bootstrap
mechanisms, then the toolset contains an assembler as the final phase of the compiler. This can be
invoked to assemble user-written code.
2.3.6
Dynamic loading of processes
The toolset can encapsulate the code and data of a process in a file called a
relocatable separately-
compiled unit or rsc. This form is suitable for it to be loaded by another application and called. A set
of functions is provided for this to be achieved. The rsc can be found either in a file, or already in
memory, or is input along a channel. The memory variant allows an rsc to be placed into ROM and
executed if required. For example, if an application wishes to select a device driver to be placed in
on-chip memory, then a number of possible drivers can be placed in ROM and the application can
choose one for the occasion, copy it into low memory and execute it.
2.3.7
Bootstraps
The source code of the standard bootstraps are provided. The user can then write bootstraps that
are tailored to a specific application by using the standard ones as templates.
2.3.8
Memory configuration
An interactive memory configurer tool is supplied for describing a ST20450 memory configuration.
The memory interface of the ST20450 is configurable and must be initialized before the memory can
be accessed. This data is used by the Toolset tools to generate the code to initialize the memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com