Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST20 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST20
Description  ST20 software development and debugging tools
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20 Datasheet(HTML) 4 Page - STMicroelectronics

  ST20 Datasheet HTML 1Page - STMicroelectronics ST20 Datasheet HTML 2Page - STMicroelectronics ST20 Datasheet HTML 3Page - STMicroelectronics ST20 Datasheet HTML 4Page - STMicroelectronics ST20 Datasheet HTML 5Page - STMicroelectronics ST20 Datasheet HTML 6Page - STMicroelectronics ST20 Datasheet HTML 7Page - STMicroelectronics ST20 Datasheet HTML 8Page - STMicroelectronics ST20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ST20–SWC
4/21
2
Code building tools
The ST20 ANSI C Toolset provides a complete C cross-development system for the ST20. It can be
used to build single task and multi-tasking programs for the ST20. Programs developed with the
toolset are both source and binary compatible across all host development machines.
The ST20 ANSI C Toolset is available for the following development platforms:
IBM 386/486 PC and compatibles under MSDOS 5 and Windows 3.1, or later versions.
Sun 4 under SunOS 4.1.3 or Solaris 2.4 with X11 Release 4 server or OpenWindows 3, or
later versions.
2.1
How programs are built
The toolset build process is shown diagrammatically in Figure 1.
Figure 1
The tool chain
ANSI C source files may be separately compiled into
object files. The compiler and libraries are
described in section 2.2. The
librarian may be used to collate object files into libraries. The linker links
object files and libraries into fully resolved linked units.
A
configuration description is a text file describing the target hardware and how the software maps
onto it. The
configurer converts the configuration description file into a configuration binary file. The
collector removes any debugging information, and uses the configuration binary to collect the linked
files with bootstrap code to make an executable file called a
bootable file.
During development and for hosted systems, the bootable file may be loaded down a hardware serial
link onto the target hardware using the
application loader. For stand-alone systems, the bootable file
may be converted, using the EPROM tool, to an industry standard EPROM format for programming
EPROMs.
In addition to loading programs down a hardware serial link, the application loader program provides
access to host operating system facilities through a remote procedure call mechanism. This method
is used to support the full ANSI C run-time library.
A memory configurer tool is supplied for describing a ST20450 memory configuration. This data is
used to initialize the memory interface of the ST20450. The memory interface can be initialized either
using the hardware serial link or from ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com