Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST20 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST20
Description  ST20 software development and debugging tools
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20 Datasheet(HTML) 3 Page - STMicroelectronics

  ST20 Datasheet HTML 1Page - STMicroelectronics ST20 Datasheet HTML 2Page - STMicroelectronics ST20 Datasheet HTML 3Page - STMicroelectronics ST20 Datasheet HTML 4Page - STMicroelectronics ST20 Datasheet HTML 5Page - STMicroelectronics ST20 Datasheet HTML 6Page - STMicroelectronics ST20 Datasheet HTML 7Page - STMicroelectronics ST20 Datasheet HTML 8Page - STMicroelectronics ST20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ST20–SWC
3/21
1
Introduction
The ST20 ANSI C Toolset provides a complete high quality software development environment for
the ST20 microprocessor. The compiler supports the full ANSI C language definition and includes
both local and global optimizing features. The run-time library includes both standard C functions,
supported by host target connections, and ST20 specific functions to facilitate real-time, multi-tasking
and embedded control operations. The real-time and multi-tasking support uses the on-chip hard-
ware micro-kernel and timers, so for many applications no operating system or real-time kernel
software is needed.
An interactive windowing debugger provides single stepping, breakpoints, watchpoints and many
other features for debugging sequential and multi-tasking programs running on an ST20. Execution
analysis tools give post-mortem statistical analyses including execution profiles, processor utiliza-
tion, test coverage and block profiles.
The host interface is provided by the AServer. This can be used simply as an application loader and
host file server, invoked by the irun command. The INQUEST tools have their own commands which
in turn load irun in order to load the application. The AServer may also be used to customize the
host interface if required.
1.1
Applications
Single- and multi-tasking;
Embedded systems;
Real-time applications;
Low cost single chip applications;
Low level device control applications;
Porting of existing software and packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com