Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S32G-VNP-RDB3 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # S32G-VNP-RDB3
Description  Vehicle Networking Reference Design
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32G-VNP-RDB3 Datasheet(HTML) 5 Page - NXP Semiconductors

  S32G-VNP-RDB3 Datasheet HTML 1Page - NXP Semiconductors S32G-VNP-RDB3 Datasheet HTML 2Page - NXP Semiconductors S32G-VNP-RDB3 Datasheet HTML 3Page - NXP Semiconductors S32G-VNP-RDB3 Datasheet HTML 4Page - NXP Semiconductors S32G-VNP-RDB3 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
S32G Vehicle Network Processors
S32G3 (/products/processors-and-microcontrollers/s32-automotive-platform/s32g-vehicle-network-processors/s32g3-processors-for-
vehicle-networking:S32G3): S32G3 Processors for Vehicle Networking
Features
Hardware Features
Supports service-oriented gateway and domain controller applications
Multiple network interfaces, featuring 18 CAN/CAN FD and 12 Ethernet ports
Supports low-power mode and multiple wake-up sources
Supports two M.2 modules (M-key slot, E-key slot)
ISO 26262 support by using safety components and architecture
Power supply
12V AC-DC adapter
Interfaces
LIN, CAN/CAN FD, 100BASE-T1, 1000BASE-T / 2.5GBASE-T, 100BASE-TX, 1000BASE-T, FlexRay, USB, PCIe, JTAG, UART,
AURORA, M.2 slots
Applications
Automotive
Automotive Access Point (/applications/automotive/vehicle-networking/automotive-access-
point:AUTOMOTIVE-ACCESS-POINT)
Automotive Data Logger (/applications/automotive/vehicle-networking/automotive-data-
logger:AUTOMOTIVE-DATA-LOGGER)
Automotive Zone Controller (/applications/automotive/vehicle-networking/automotive-zone-
controller:AUTOMOTIVE-ZONE-CONTROLLER)
Domain Controllers
Firmware Over-the-Air (FOTA) (/applications/automotive/vehicle-networking/firmware-over-the-
air-fota:FOTA)
Gateway (/applications/automotive/vehicle-networking/gateway:GATEWAY)
In-Vehicle Networks
Safety Processors
Service-Oriented Gateway (/applications/automotive/connectivity/service-oriented-
gateway:SERVICE-ORIENTED-GATEWAY)
Vehicle Compute
Zonal Gateways
Overview
Product
Details
Documentation
Design
Resources
Support
BUY OPTIONS
GET STARTED (/DOCUMENT/GUIDE/GETTING-STARTED-WITH-THE-S32G-REFERENCE-DES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com