Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S32G-VNP-RDB3 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # S32G-VNP-RDB3
Description  Vehicle Networking Reference Design
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32G-VNP-RDB3 Datasheet(HTML) 4 Page - NXP Semiconductors

  S32G-VNP-RDB3 Datasheet HTML 1Page - NXP Semiconductors S32G-VNP-RDB3 Datasheet HTML 2Page - NXP Semiconductors S32G-VNP-RDB3 Datasheet HTML 3Page - NXP Semiconductors S32G-VNP-RDB3 Datasheet HTML 4Page - NXP Semiconductors S32G-VNP-RDB3 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Supported Devices
Interfaces
Automotive Ethernet Switches
SJA1110 (/products/interfaces/ethernet-/automotive-ethernet-switches/multi-gig-safe-and-secure-tsn-ethernet-switch-with-integrated-
100base-t1-phys:SJA1110): Multi-Gig Safe and Secure TSN Ethernet Switch with Integrated 100BASE-T1 PHYs
Single and Multi-Channel LIN Transceivers
TJA1021 (/products/interfaces/automotive-lin-solutions/iso17987-lin-2-1-sae-j2602-transceiver:TJA1021): ISO17987 LIN 2.1/SAE
J2602 Transceiver
3.3 V / 5 V IO CAN Transceivers
TJA1043 (/products/interfaces/can-transceivers/can-with-flexible-data-rate/high-speed-can-transceiver-with-standby-and-sleep-
mode:TJA1043): High-Speed CAN Transceiver with Standby and Sleep Mode
CAN Signal Improvement
TJA1463 (/products/interfaces/can-transceivers/can-signal-improvement/can-signal-improvement-capability-transceiver-with-sleep-
mode:TJA1463): CAN Signal Improvement Capability Transceiver with Sleep Mode
Secure CAN Transceivers
TJA1153 (/products/interfaces/can-transceivers/secure-can-transceivers/secure-hs-can-transceiver-with-sleep-mode:TJA1153):
Secure HS-CAN Transceiver with Sleep Mode
Power Management
Safety SBCs
VR5510 (/products/power-management/pmics-and-sbcs/pmics/multi-channel-9-pmic-for-s32g-processor-8-high-power-1-low-power-
fit-for-asil-d-safety-level:VR5510): Multi-Channel (9) PMIC for S32G Processor – 8 High Power, 1 Low Power, Fit for ASIL D Safety
Level
PMICs
PF5300 (/products/power-management/pmics-and-sbcs/pmics/12-a-core-supply-regulator-with-avp-and-watchdog:PF5300): 12 A
Core Supply Regulator with AVP and Watchdog
Processors and Microcontrollers
Overview
Product
Details
Documentation
Design
Resources
Support
BUY OPTIONS
GET STARTED (/DOCUMENT/GUIDE/GETTING-STARTED-WITH-THE-S32G-REFERENCE-DES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com