Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0821 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0821
Description  High precision, ±3.8ppm@25℃
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0821 Datasheet(HTML) 1 Page - DFROBOT

  DFR0821 Datasheet HTML 1Page - DFROBOT DFR0821 Datasheet HTML 2Page - DFROBOT DFR0821 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Introduction
This real-time clock (RTC) module uses the SD3031 chip, which has an integrated crystal
oscillator and temperature compensator. This provides high-precision timing and
stability. At a temperature of 25 °C, the accuracy is maintained at ±3.8ppm (±0.32832
seconds/day).
The SD3031 can be powered by button-cell batteries. This allows for accurate timing
even when the main power source is interrupted. The RTC keeps track of seconds,
minutes, hours, days of the week, dates of the month, and months and years. It also
automatically adjusts the date at the end of each month and includes leap year
corrections. The SD3031 has a built-in 70-byte SRAM for low-power data storage.
Please note that due to recent air cargo regulations, special items such as batteries,
magnets, and liquids are strictly audited for air transport. As a result, the RTC module
does not come with batteries. You will need to purchase them locally. The button cell
model that is compatible with this module is the CR1220.
Wiring diagram of Fermion: SD3031 Precision RTC Module and Arduino Uno


Similar Part No. - DFR0821

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0803 DFROBOT-DFR0803 Datasheet
257Kb / 2P
Compatible Speaker: 30W-200W, 4Ω-8Ω
DFR0804 DFROBOT-DFR0804 Datasheet
253Kb / 2P
Input: AUXBluetooth 5.0
DFR0805 DFROBOT-DFR0805 Datasheet
276Kb / 2P
Input: AUXBluetooth 5.0
DFR0806 DFROBOT-DFR0806 Datasheet
231Kb / 2P
Power Supply: 9-24V/2A above
DFR0816 DFROBOT-DFR0816 Datasheet
1,014Kb / 12P
Beetle CM-32U4 Compatible with Arduino Leonardo
2023/10/12
More results

Similar Description - DFR0821

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PV36W104C01B00 MURATA1-PV36W104C01B00_V01 Datasheet
231Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W105C01B00 MURATA1-PV36W105C01B00_V01 Datasheet
231Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W203C01B00 MURATA1-PV36W203C01B00_V01 Datasheet
231Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W501C01B00 MURATA1-PV36W501C01B00_V01 Datasheet
231Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X101C01B00 MURATA1-PV36X101C01B00_V01 Datasheet
233Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X103C01B00 MURATA1-PV36X103C01B00_V01 Datasheet
233Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X104C01B00 MURATA1-PV36X104C01B00_V01 Datasheet
233Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X200C01B00 MURATA1-PV36X200C01B00 Datasheet
233Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X205C01B00 MURATA1-PV36X205C01B00_V01 Datasheet
233Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X500C01B00 MURATA1-PV36X500C01B00_V01 Datasheet
233Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily
08/30/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com