Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0821 Datasheet (PDF) - DFROBOT

DFR0821 Datasheet PDF - DFROBOT
Part # DFR0821
Download  DFR0821 Download
File Size   289.25 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description High precision, ±3.8ppm@25℃

DFR0821 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0821 Datasheet PDF - DFROBOT

Part # DFR0821
Download  DFR0821 Click to download

File Size   289.25 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description High precision, ±3.8ppm@25℃

DFR0821 Datasheet (HTML) - DFROBOT


DFR0821 Product details

Features
Low power consumption, operating current of only 1.8μA when powered by button cell battery High precision, ±3.8ppm@25℃ Integrated temperature compensator, small temperature drift Readable button cell voltage Built-in 70Byte SRAM
Applications
Event Reminder Countdown Devices MCU External Wake-up Source Clock & Alarm Output IoT Data Collection & Storage




Similar Part No. - DFR0821

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0803 DFROBOT-DFR0803 Datasheet
257Kb / 2P
Compatible Speaker: 30W-200W, 4Ω-8Ω
DFR0804 DFROBOT-DFR0804 Datasheet
253Kb / 2P
Input: AUXBluetooth 5.0
DFR0805 DFROBOT-DFR0805 Datasheet
276Kb / 2P
Input: AUXBluetooth 5.0
DFR0806 DFROBOT-DFR0806 Datasheet
231Kb / 2P
Power Supply: 9-24V/2A above
DFR0816 DFROBOT-DFR0816 Datasheet
1,014Kb / 12P
Beetle CM-32U4 Compatible with Arduino Leonardo
2023/10/12
More results


Similar Description - DFR0821

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PV36W104C01B00 MURATA1-PV36W104C01B00_V01 Datasheet
231Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W105C01B00 MURATA1-PV36W105C01B00_V01 Datasheet
231Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W203C01B00 MURATA1-PV36W203C01B00_V01 Datasheet
231Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W501C01B00 MURATA1-PV36W501C01B00_V01 Datasheet
231Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X101C01B00 MURATA1-PV36X101C01B00_V01 Datasheet
233Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X103C01B00 MURATA1-PV36X103C01B00_V01 Datasheet
233Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X104C01B00 MURATA1-PV36X104C01B00_V01 Datasheet
233Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X200C01B00 MURATA1-PV36X200C01B00 Datasheet
233Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X205C01B00 MURATA1-PV36X205C01B00_V01 Datasheet
233Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X500C01B00 MURATA1-PV36X500C01B00_V01 Datasheet
233Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily
08/30/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com