Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0921 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0921
Description  Terminal Block Shield for Arduino Mega Wiki
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0921 Datasheet(HTML) 2 Page - DFROBOT

  DFR0921 Datasheet HTML 1Page - DFROBOT DFR0921 Datasheet HTML 2Page - DFROBOT DFR0921 Datasheet HTML 3Page - DFROBOT DFR0921 Datasheet HTML 4Page - DFROBOT DFR0921 Datasheet HTML 5Page - DFROBOT DFR0921 Datasheet HTML 6Page - DFROBOT DFR0921 Datasheet HTML 7Page - DFROBOT DFR0921 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2023/10/12 11:40
Terminal Block Shield for Arduino Mega Wiki - DFRobot
https://wiki.dfrobot.com/Terminal_Block_Shield_for_Arduino_Mega_SKU_DFR0921
2/8
Easy wiring
Application
Commercial Project
Art Show
Specification
VIN Input Voltage: 7-24V DC
Max Load Power: 10W
Terminal Block Pitch: 3.5mm
Wire Size Range: 26AWG-16AWG
Wire Strip Length: 5mm
Screw: M2
Dimension: 101.5 *53.3 mm/4.00*2.10”
GDI 18pin-FPC
FPC PINS
Beetle ESP32 C3 Pins
Description
VCC
5V
5V
BLK (PWM dimming)
D7
Backlight
GND
GND
GND
SCLK
D52
SPI clock



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com