Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0921 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0921
Description  Terminal Block Shield for Arduino Mega Wiki
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0921 Datasheet(HTML) 1 Page - DFROBOT

  DFR0921 Datasheet HTML 1Page - DFROBOT DFR0921 Datasheet HTML 2Page - DFROBOT DFR0921 Datasheet HTML 3Page - DFROBOT DFR0921 Datasheet HTML 4Page - DFROBOT DFR0921 Datasheet HTML 5Page - DFROBOT DFR0921 Datasheet HTML 6Page - DFROBOT DFR0921 Datasheet HTML 7Page - DFROBOT DFR0921 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2023/10/12 11:40
Terminal Block Shield for Arduino Mega Wiki - DFRobot
https://wiki.dfrobot.com/Terminal_Block_Shield_for_Arduino_Mega_SKU_DFR0921
1/8
SKU:DFR0921 (https://www.dfrobot.com/product-2574.html)
(https://www.dfrobot.com/product-2574.html)
Introduction
Has it ever happened to you that you spent a lot of time ascertaining a problem when making projects and finally found out it was just caused
by loose wiring? Then, what you may need is a terminal block shield like this!
The shield adopts terminal blocks to secure wires so as to make connections stable and reliable. And multiple 3.3V, 5V, and GND ports are
provided for easy wiring. It can be powered by 7~24V voltage without an additional buck-down circuit. The onboard 18pin-FPC socket makes
it convenient for connecting a screen.
Features
Stable and reliable connection
Easy wiring


Similar Part No. - DFR0921

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0923 DFROBOT-DFR0923 Datasheet
729Kb / 3P
Terminal Block Board for FireBeetle 2 ESP32-E loT Microcontroller
3-14-23
DFR0924 DFROBOT-DFR0924 Datasheet
433Kb / 3P
Terminal Block Board for Raspberry Pi Pico
3-14-23
DFR0928 DFROBOT-DFR0928 Datasheet
425Kb / 3P
Fermion: 1.8 128x160 IPS TFT LCD Display with microSD Card Slot (Breakout)
3-14-23
More results

Similar Description - DFR0921

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4DISPLAY-ADAPTOR-SHIELD ETC2-4DISPLAY-ADAPTOR-SHIELD Datasheet
668Kb / 8P
4D Arduino Adaptor Shield
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
logo
WAGO Kontakttechnik Gmb...
2002-2218-099-000 WAGO-2002-2218-099-000 Datasheet
682Kb / 18P
Double-deck terminal block; Shield/through terminal block
25.11.2021
2002-2258-099-000 WAGO-2002-2258-099-000 Datasheet
671Kb / 18P
Double-deck terminal block; Shield/through terminal block
25.11.2021
2000-2218 WAGO-2000-2218 Datasheet
499Kb / 17P
Double-deck terminal block; Shield/through terminal block
24.11.2021
2000-2227-099-000 WAGO-2000-2227-099-000 Datasheet
487Kb / 13P
Double-deck terminal block; Shield/through terminal block
24.11.2021
2000-2228-099-000 WAGO-2000-2228-099-000 Datasheet
496Kb / 15P
Double-deck terminal block; Shield/through terminal block
25.11.2021
2000-2228 WAGO-2000-2228 Datasheet
499Kb / 17P
Double-deck terminal block; Shield/through terminal block
24.11.2021
logo
Infineon Technologies A...
BTN9970 INFINEON-BTN9970 Datasheet
581Kb / 16P
BTN9970 / BTN9990 Motor control shield Arduino shield for evaluation
Rev. 1.1 9/23/2021
logo
List of Unclassifed Man...
MEGA-2560 ETC-MEGA-2560 Datasheet
919Kb / 18P
Arduino® MEGA 2560 Rev3
21/09/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com