Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0806 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0806
Description  Power Supply: 9-24V/2A above
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0806 Datasheet(HTML) 2 Page - DFROBOT

  DFR0806 Datasheet HTML 1Page - DFROBOT DFR0806 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Please note that in the case of enough voltage and current, the larger the speaker
impedance in ohms, the smaller the output power.
2.When adjusting treble and bass sound: when the TRBLE or BASS sounds are right-rotated
to near maximum, if the sound is distorted, it means that the gain of the Bass/Treble sound
is too large. Now you have to turn the TRBLE or BASS knob to the left to lower the gain or
rotate the MAIN-VOLUME Knob on the right to the left to reduce the overall volume.
SPECIFICATION
Power Supply: 9-24V/2A above
Input: AUX+Bluetooth 5.0
Output Power: 50W*2
Compatible Speaker: 15W-100W, 4Ω-8Ω
Channel: left/right channel (Stereo)
Bluetooth Transmission Distance: 10m (Without any obstacle)
Protection Mechanism: over-voltage, under-voltage, overheating, short-circuit protection,
and DC detection
SHIPPING LIST
· Bass Treble Bluetooth Amplifier-50W*2 x1
· Acrylic Protective Case x2
· Screwdriver x1
· 20cm Power Wire x1
· Knob x3
· Heat Sink x1
· Accessories Package x1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com