Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0806 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0806
Description  Power Supply: 9-24V/2A above
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0806 Datasheet(HTML) 1 Page - DFROBOT

  DFR0806 Datasheet HTML 1Page - DFROBOT DFR0806 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTRODUCTION
With bass and treble tone independent control, this powerful Bluetooth Amplifier has AM
interference and filtering function that makes the board THD as low as 0.1% even when
working for a long time at large power output, while bringing you clear and round sound.
The board features DC9-24V power supply, AUX+Bluetooth 5.0 audio input, and 50W output
power. It has 3 adjustable knobs that are used to power on/off and control the main volume,
bass, and treble. This product works well with 4-8Ω, 15W-100W passive speakers. You can
connect it to Raspberry Pi, mobile phones, and other main-controllers with Bluetooth to DIY
your projects.
The Bluetooth Amplifier board comes with bottom/top protective panels and supports
protection mechanisms including over-voltage, under-voltage, overheating, short-circuit
protection, and DC detection.
Operation Instruction
Connect the board with a speaker, power it on. Rotate the main volume knob then the
indicator LED lights up. Turn on the Bluetooth of your phone or Raspberry Pi, the
“BT-WUZHI” will be searched, and then click to connect it. It connects successfully with a
ding-dong tone, and now it can play music. The Bluetooth will be connected automatically
when the module is powered on next time.
Note
1.The board will output adequate power only when the audio input and power source
voltage/current are sufficient. The higher the power supply voltage, the larger the output
power. Besides that, speaker impedance also changes the amplifier board power output.


Similar Part No. - DFR0806

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0803 DFROBOT-DFR0803 Datasheet
257Kb / 2P
Compatible Speaker: 30W-200W, 4Ω-8Ω
DFR0804 DFROBOT-DFR0804 Datasheet
253Kb / 2P
Input: AUXBluetooth 5.0
DFR0805 DFROBOT-DFR0805 Datasheet
276Kb / 2P
Input: AUXBluetooth 5.0
More results

Similar Description - DFR0806

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6405 ATMEL-ATA6405 Datasheet
281Kb / 12P
12/24V SYSTEM POWER SUPPLY IC
logo
Sensitron
SCP-6141 SENSITRON-SCP-6141 Datasheet
80Kb / 4P
24V, 2A RELAY/SOLENOID DRIVER
logo
NTE Electronics
5724D5003 NTE-5724D5003 Datasheet
864Kb / 1P
24V AC?묭C Switching Power Supply
logo
TRINAMIC Motion Control...
PD-1070 TRINAMIC-PD-1070 Datasheet
2Mb / 25P
Supply Voltage 9 to 24V DC
logo
PULS GmbH
QS10.DNET PULS-QS10.DNET Datasheet
686Kb / 22P
24V, 8A, DEVICENET POWER SUPPLY
logo
ETA SOLUTIONS CO. LIMIT...
ETA1611 ETA-ETA1611 Datasheet
152Kb / 1P
2A, 24V Step-Up Regulator
logo
Monolithic Power System...
MEZD71202A MPS-MEZD71202A Datasheet
455Kb / 2P
4.5V - 24V Input, 2A, DC/DC Power Supply
logo
SparkFun Electronics
TOL-11296 SPARKFUN-TOL-11296 Datasheet
102Kb / 1P
Power Supply - 12V/5V (2A)
12/1/2015
logo
NHP Electrical Engineer...
1769-PB2 NHP-1769-PB2 Datasheet
627Kb / 1P
COMPACTLOGIX 2A POWER SUPPLY 24V DC
8 June 2023,
1769-PB4 NHP-1769-PB4 Datasheet
627Kb / 1P
COMPACTLOGIX 4A POWER SUPPLY 24V DC
8 June 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com