Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0804 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0804
Description  Input: AUXBluetooth 5.0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0804 Datasheet(HTML) 2 Page - DFROBOT

  DFR0804 Datasheet HTML 1Page - DFROBOT DFR0804 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
power. Besides that, speaker impedance also changes the amplifier board power output.
Please note that in the case of enough voltage and current, the larger the speaker
impedance in ohms, the smaller the output power.
SPECIFICATION
Power Supply: 5-27V
Input: AUX+Bluetooth 5.0
Audio Quality: HIFI
Output Power: 100W*2
Compatible Speaker: 50W-300W, 4Ω-8Ω
Channel: left/right channel (Stereo)
Bluetooth Transmission Distance: 15m (Without any obstacle)
Protection Mechanism: overvoltage, undervoltage, overheating, short circuit protection, and
DC detection
Power Voltage:
12V----8Ω Speaker/24W(left channel)+24W(right channel), 4Ω Speaker/40W+40W
15V----8Ω/32W+32W,4Ω/>360W+60W
19V----8Ω/64W+64W,4Ω/>92W+92W
24V----8Ω/76W+76W,4Ω/>110W+110W
SHIPPING LIST
· HIFI Digital Bluetooth Amplifier-100W*2 x1
· Acrylic Protective Case x2
· Screwdriver x1
· 20cm Power Wire x1
· Knob x1
· Heat Sink x1
· Accessories Package x1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com