Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0804 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0804
Description  Input: AUXBluetooth 5.0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0804 Datasheet(HTML) 1 Page - DFROBOT

  DFR0804 Datasheet HTML 1Page - DFROBOT DFR0804 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTRODUCTION
Does sound quality matter to you? If Yes, then come to take a look at this HIFI Bluetooth
Power Amplifier board! With AM interference suppression and filtering function, the board
THD can be as low as 0.1% even when working for a long time at large power output, while
bringing you very round and clear sound. It features 100W output power, volume adjustment
knob, AUX+Bluetooth 5.0 input, dual-channel output, and DC5-27V operating voltage. This
Bluetooth Power Amplifier board works well with 4~8Ω, 50W-300W passive speakers. You
can connect it to Raspberry Pi, mobile phones, and other main-controllers with Bluetooth to
DIY your projects.
This Bluetooth board has 5 quality 470uf capacitors that bring you stable output; The board
also comes with a heat sink and adopts an excellent power module. The board includes
bottom/top protective panels and supports protection mechanisms including overvoltage,
undervoltage, overheating, short circuit protection, and DC detection.
Operation Instruction
Connect the board with a speaker, power it on. Rotate the knob then the indicator led lights
up. Turn on the Bluetooth of your phone or Raspberry Pi, the” BT-WUZHI” will be searched,
and then click to connect it. It connects successfully with a prompt tone, and now it can play
music. The Bluetooth will be reconnected automatically when the module is powered on
next time.
Note
The board will output adequate power only when the audio input and power source
voltage/current are sufficient. The higher the power supply voltage, the larger the output


Similar Part No. - DFR0804

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0803 DFROBOT-DFR0803 Datasheet
257Kb / 2P
Compatible Speaker: 30W-200W, 4Ω-8Ω
DFR0805 DFROBOT-DFR0805 Datasheet
276Kb / 2P
Input: AUXBluetooth 5.0
DFR0806 DFROBOT-DFR0806 Datasheet
231Kb / 2P
Power Supply: 9-24V/2A above
More results

Similar Description - DFR0804

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-531 GOLLEDGE-GSX-531 Datasheet
595Kb / 6P
5.0 x 3.2mm SM Crystal for Bluetooth
GSX-533 GOLLEDGE-GSX-533 Datasheet
588Kb / 5P
5.0 x 3.2mm SM Crystal for Bluetooth
logo
NXP Semiconductors
QN9080-001-M17 NXP-QN9080-001-M17 Datasheet
1Mb / 39P
Ultra Low-Power Bluetooth Smart 5.0 SIP
Rev. 1.0-5 December 2018
K32W061 NXP-K32W061 Datasheet
1Mb / 112P
IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
QN9090 NXP-QN9090 Datasheet
1Mb / 99P
Bluetooth Low Energy 5.0 wireless MCU
K32W041A NXP-K32W041A Datasheet
1Mb / 116P
IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
Rev. 1.2 ??April 2022
logo
Wurth Elektronik GmbH &...
2608011124010 WURTH-2608011124010 Datasheet
456Kb / 6P
WIRL-BTLE Bluetooth smart 5.0 Standard-RF Pad
001.022
logo
Tripp Lite. All Rights ...
U261-001-BT5 TRIPPLITE-U261-001-BT5 Datasheet
159Kb / 3P
Mini Bluetooth 5.0 (Class 2) USB Adapter
logo
Taiyo Yuden (U.S.A.), I...
EKSKBNZWB TAIYO-YUDEN-EKSKBNZWB Datasheet
371Kb / 2P
Bluetooth® 5.0 low energy Module
logo
Yichip Microelectronics...
YC1166 YICHIP-YC1166 Datasheet
1Mb / 16P
Bluetooth 5.0 BR/EDR/BLE
2020-02-26
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com