Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0803 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0803
Description  Compatible Speaker: 30W-200W, 4Ω-8Ω
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0803 Datasheet(HTML) 2 Page - DFROBOT

  DFR0803 Datasheet HTML 1Page - DFROBOT DFR0803 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Supply: 5-27V
Input: AUX+Bluetooth 5.0
Audio Quality: HIFI
Output Power: 50W*2
Compatible Speaker: 30W-200W, 4Ω-8Ω
Channel: left/right channel (Stereo)
Bluetooth Transmission Distance: 15m (Without any obstacle)
Protection Mechanism: overvoltage, undervoltage, overheating, short circuit protection, and
DC detection
Power Voltage:
12V----8Ω Speaker/12W(left channel)+12W(right channel), 4Ω Speaker/20W+20W
15V----8Ω/18W+18W,4Ω/>30W+30W
19V----8Ω/32W+32W,4Ω/>45W+45W
24V----8Ω/38W+38W,4Ω/>55W+55W
SHIPPING LIST
· HIFI Digital Bluetooth Amplifier-50W*2 x1
· Acrylic Protective Case x2
· Screwdriver x1
· 20cm Power Wire x1
· Knob x1
· Heat Sink x1
· Accessories Package x1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com