Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0803 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0803
Description  Compatible Speaker: 30W-200W, 4Ω-8Ω
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0803 Datasheet(HTML) 1 Page - DFROBOT

  DFR0803 Datasheet HTML 1Page - DFROBOT DFR0803 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTRODUCTION
Does sound quality matter to you? If Yes, then come to take a look at this HIFI Bluetooth
Power Amplifier board! With AM interference suppression and filtering function, the board
THD can be as low as 0.1% even when working for a long time at large power output, while
bringing you very round and clear sound. It features 50W output power, volume adjustment
knob, AUX+Bluetooth 5.0 input, dual-channel output, and DC5-27V operating voltage. This
Bluetooth Power Amplifier board works well with 4~8Ω, 30W-200W passive speakers. You
can connect it to Raspberry Pi, mobile phones, and other main-controllers with Bluetooth to
DIY your projects.
The board comes with bottom/top protective panels and supports protection mechanisms
including overvoltage, undervoltage, overheating, short circuit protection, and DC detection.
Operation Instruction
Connect the board with a speaker, power it on. Rotate the knob then the indicator led lights
up. Turn on the Bluetooth of your phone or Raspberry Pi, the” BT-WUZHI” will be searched,
and then click to connect it. It connects successfully with a prompt tone, and now it can play
music. The Bluetooth will be reconnected automatically when the module is powered on
next time.
Note:
The board will output adequate power only when the audio input and power source
voltage/current are sufficient. The higher the power supply voltage, the larger the output
power. Besides that, speaker impedance also changes the amplifier board power output.
Please note that in the case of enough voltage and current, the larger the speaker
impedance in ohms, the smaller the output power.
SPECIFICATION


Similar Part No. - DFR0803

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0804 DFROBOT-DFR0804 Datasheet
253Kb / 2P
Input: AUXBluetooth 5.0
DFR0805 DFROBOT-DFR0805 Datasheet
276Kb / 2P
Input: AUXBluetooth 5.0
DFR0806 DFROBOT-DFR0806 Datasheet
231Kb / 2P
Power Supply: 9-24V/2A above
More results

Similar Description - DFR0803

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4398 MOSPEC-2N4398 Datasheet
158Kb / 4P
POWER TRANSISTORS(200W)
2N5301 MOSPEC-2N5301 Datasheet
178Kb / 4P
POWER TRANSISTORS(200W)
logo
Maxim Integrated Produc...
MAX4644 MAXIM-MAX4644_11 Datasheet
113Kb / 10P
High-Speed, Low-Voltage, 4Ω, SPDT CMOS Analog Switch
Rev 1; 1/11
logo
TDK Electronics
CN-A110 TDK-CN-A110 Datasheet
261Kb / 2P
30W to 200W 60 to 160VDC Input DC-DC Converters
logo
MicroPower Direct, LLC
LDC-185 MPD-LDC-185 Datasheet
1Mb / 4P
200W Output Power
logo
LinkCom Manufacturing C...
200W-LCCH LINKCOM-200W-LCCH Datasheet
456Kb / 3P
200W Power Supply
logo
Delta Electronics, Inc.
HET200PC-B DELTA-HET200PC-B Datasheet
2Mb / 15P
Thermoelectric cooler 200W
logo
List of Unclassifed Man...
2SB1621 ETC-2SB1621 Datasheet
91Kb / 3P
200W
logo
Shindengen Electric Mfg...
ST02-39G1 SHINDENGEN-ST02-39G1 Datasheet
1Mb / 5P
TVS 3.8A, 200W
logo
ETA-USA
ZME200-SX-F-W ETA-USA-ZME200-SX-F-W Datasheet
2Mb / 2P
200W Open Frame
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com