Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6052. Datasheet(PDF) 2 Page - Multicomp Pro

Part # 2N6052.
Description  Darlington Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N6052. Datasheet(HTML) 2 Page - Multicomp Pro

  2N6052. Datasheet HTML 1Page - Multicomp Pro 2N6052. Datasheet HTML 2Page - Multicomp Pro 2N6052. Datasheet HTML 3Page - Multicomp Pro 2N6052. Datasheet HTML 4Page - Multicomp Pro 2N6052. Datasheet HTML 5Page - Multicomp Pro 2N6052. Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page <2>
V1.0
18/03/25
Darlington Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Parameter
Symbol
Test Condition
Min.
Max.
Unit
Collector-Emitter Sustaining Voltage1
VCEO(sus)
IC=100mA, IB=0
100
--
V
Collector Cut off Current
ICEO
VCE=50V, IB=0
--
1
mA
Collector Cut Off Current
ICEX
VCE = Rated VCEO, VBE(OFF)=1.5V
0.5
VCE = Rated VCEO, VBE(OFF)=1.5V
TC =150°C
5
Emitter Cut Off Current
IEBO
VBE=5V, IC=0
2
On Characteristics
DC Current Gain
hFE
IC=6A, VCE=3V
750
18
IC=12A, VCE=3V
100
--
Collector Emitter Saturation Voltage
VCE (sat)
IC=6A, IB=24mA
--
2
V
IC=12A, IB=120mA
3
Base-Emitter Saturation Voltage
IC=12A, IB=120mA
4
Base Emitter On Voltage
VBE(on)
IC=6A, VCE=3V
2.8
Dynamic Characteristic
Magnitude of common Emitter
Small - Signal Short Circuit Forward
Current Transfer Ratio
|hfe|
IC=5A, VCE=3V, f=1KHz
4
--
MHz
Output Capacitance
Cob
VCE = 10V, IE = 0, f = 1MHz
--
500
pF
300
Small-Signal Current Gain
hfe
IC = 5A, VCE = 3V, f = 1MHz
300
--
Electrical Characteristics
Note:
1. Pulse Test : Pulse width <300ms, Duty Cycle <2%
Recommended Reflow Solder Profiles
The recommended reflow solder profiles for Pb and Pb-free devices are shown below.
Figure 1 shows the recommended solder profile for devices that have Pb-free terminal plating, and where a Pb free
solder is used.
Figure 2 shows the recommended solder profile for devices with Pb-free terminal plating used with leaded solder,
or for devices with leaded terminal plating used with a leaded solder.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com