Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6052. Datasheet (PDF) - Multicomp Pro

2N6052. Datasheet PDF - Multicomp Pro
Part # 2N6052.
Download  2N6052. Download
File Size   1422.54 Kbytes
Page   6 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Darlington Transistor

2N6052. Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6052. Datasheet PDF - Multicomp Pro

Part # 2N6052.
Download  2N6052. Click to download

File Size   1422.54 Kbytes
Page   6 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Darlington Transistor

2N6052. Datasheet (HTML) - Multicomp Pro


2N6052. Product details

[Features]
• High DC Current Gain Hfe =3500 (Typ.) @ IC=5.00A DC
Collector–Emitter Sustaining Voltage @ 100 mA
VCEO(SUS) =100 VDC (Min.)--- 2N6052
• Monolithic Construction with Built–In Base–Emitter Shunt Resistors
• This product is available in AEC-Q101 Compliant and PPAP Capable also.
Note: For AEC-Q101 compliant products, please use suffix -AQ in the part number while ordering.
Application: General–purpose amplifier and low frequency switching. switching applications.
Absolute Maximum Ratings (Ta = 25°C Unless otherwise specified)
Description Symbol 2N6052 Unit
Collector Emitter Voltage VCEO 100
Collector Base Voltage VCB 100 V
Emitter Base Voltage VEB 5
Collector Current Continuous 12
IC
Collector Current Peak 20 A
Base Current IB 0.2
Total Device Dissipation @ TC = 25°C 150 W
PD
Derate above 25ºC 0.857 mW/°C
Operating and Storage Junction Temperature
Tj, Tstg - 65 to +200 ºC
Range
Thermal Resistance
Description Symbol Value Unit
Thermal Resistance, Junction to Case RθJC 1.17 ºC/W




Similar Part No. - 2N6052.

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6052 MOSPEC-2N6052 Datasheet
188Kb / 4P
POWER TRANSISTORS(12A,150W)
logo
ON Semiconductor
2N6052 ONSEMI-2N6052 Datasheet
190Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
March, 2001 ??Rev. 2
logo
Boca Semiconductor Corp...
2N6052 BOCA-2N6052 Datasheet
195Kb / 4P
DARLINGTON COMPLEMENTARY SILICON-POWER TRANSISTORS
logo
ON Semiconductor
2N6052 ONSEMI-2N6052 Datasheet
130Kb / 8P
Darlington Complementary Silicon Power Transistors
March, 2001 ??Rev. 2
logo
Micrel Semiconductor
2N6052 MICREL-2N6052 Datasheet
57Kb / 2P
PNP DARLINGTON POWER SILICON TRANSISTOR
More results


Similar Description - 2N6052.

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT6427LT1 MOTOROLA-MMBT6427LT1 Datasheet
249Kb / 8P
Darlington Transistor
logo
Fairchild Semiconductor
KSP25 FAIRCHILD-KSP25 Datasheet
32Kb / 4P
Darlington Transistor
KSP12 FAIRCHILD-KSP12 Datasheet
33Kb / 4P
Darlington Transistor
logo
Unisonic Technologies
MPSA14 UTC-MPSA14 Datasheet
52Kb / 2P
DARLINGTON TRANSISTOR
PZTA14 UTC-PZTA14 Datasheet
51Kb / 2P
DARLINGTON TRANSISTOR
MMBTA13 UTC-MMBTA13_11 Datasheet
77Kb / 2P
DARLINGTON TRANSISTOR
MMBTA14 UTC-MMBTA14_10 Datasheet
79Kb / 3P
DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
KSP63TA FAIRCHILD-KSP63TA Datasheet
40Kb / 4P
Darlington Transistor
logo
Unisonic Technologies
PZTA14 UTC-PZTA14_15 Datasheet
102Kb / 2P
DARLINGTON TRANSISTOR
logo
ON Semiconductor
MMBT6427LT1G ONSEMI-MMBT6427LT1G Datasheet
192Kb / 6P
Darlington Transistor
October, 2016 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com