Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS7L2FP Datasheet(PDF) 1 Page - E-SWITCH

Part # CS7L2FP
Description  CS Series Anti-vandal Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

CS7L2FP Datasheet(HTML) 1 Page - E-SWITCH

  CS7L2FP Datasheet HTML 1Page - E-SWITCH CS7L2FP Datasheet HTML 2Page - E-SWITCH CS7L2FP Datasheet HTML 3Page - E-SWITCH CS7L2FP Datasheet HTML 4Page - E-SWITCH CS7L2FP Datasheet HTML 5Page - E-SWITCH CS7L2FP Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.e-switch.com
800.867.2717
1
RoHS
White Goods
Security Devices
Commercial Appliances
Electrical Housewares
Kiosks
Specifications
Features & Benefits
Applications / Markets
Part Number Configurator
CS Series Anti-vandal Switch
Specifications subject to change without notice 1.21.2019
• 19mm or 22mm panel cutouts
• Latching or Momentary Function options
• Ring or Ring/Power Symbol lens options
• RGB color option
• Capacitive switching technology (Touch Sensor)
Contact Arrangement: SPST
Contact Rating: 1A @ 5-24VDC
Contact Resistance: 1Ω Max.
Electrical Life: 50,000,000 Cycles
Operating Temperature: -20°C to 65°C
Storage Temperature: -25°C to 65°C
Panel Thickness: 10mm Max.
Mounting Nut Torque: 3.0Nm
Medical Equipment
NOTES:
*(ON) Denotes function is momentary
CS
4 - 19mm
7 - 22mm
F - Flat
Series
L - Latching
M - Momentary
2 - Aluminum, Clear
Anodized
Lens Style
R - Ring Illumination
P - Power Symbol and
Ring Illuminated
Button Style
Material Finish
Function
Size Option


Similar Part No. - CS7L2FP

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
CS7-10 SUPERWORLD-CS7-10 Datasheet
108Kb / 1P
POWER TRANSFORMER
CS7-12 SUPERWORLD-CS7-12 Datasheet
108Kb / 1P
POWER TRANSFORMER
CS7-120 SUPERWORLD-CS7-120 Datasheet
108Kb / 1P
POWER TRANSFORMER
CS7-16 SUPERWORLD-CS7-16 Datasheet
109Kb / 1P
POWER TRANSFORMER
CS7-20 SUPERWORLD-CS7-20 Datasheet
108Kb / 1P
POWER TRANSFORMER
More results

Similar Description - CS7L2FP

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV0 E-SWITCH-PV0 Datasheet
1Mb / 4P
pV0 SerieS anti-Vandal Switch
PV9 E-SWITCH-PV9 Datasheet
980Kb / 3P
pV9 SerieS anti-Vandal Switch
ULV4 E-SWITCH-ULV4 Datasheet
1Mb / 4P
ULV4 Series Anti-vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
ulV7 SerieS anti-Vandal Switch
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
pV6 SerieS anti-Vandal Switch
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
E-SWITCH
PVK4 E-SWITCH-PVK4 Datasheet
1Mb / 8P
PVK4 Series Anti-vandal Switch
11.29.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com