Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS7L2FP Datasheet(PDF) 6 Page - E-SWITCH

Part # CS7L2FP
Description  CS Series Anti-vandal Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

CS7L2FP Datasheet(HTML) 6 Page - E-SWITCH

  CS7L2FP Datasheet HTML 1Page - E-SWITCH CS7L2FP Datasheet HTML 2Page - E-SWITCH CS7L2FP Datasheet HTML 3Page - E-SWITCH CS7L2FP Datasheet HTML 4Page - E-SWITCH CS7L2FP Datasheet HTML 5Page - E-SWITCH CS7L2FP Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.e-switch.com
800.867.2717
6
XXX Series
CS Series Anti-vandal Switch
Example Use Case
Example Use Case for the CS4M22R Capacitive Switch
Example Use Case:
• Desired Outcome:
o On State: Green LED Illuminated
o Off State: Red LED Illuminated
• Schematic:
• Wire power (5-24VDC @ 1A) to pin 6 and ground to pin 1
• Connect NPN pin 5 of CS4M22R to an input pin of a pull-down integrated circuit (IC). This will allow the desired
LED to be illuminated during the ON or OFF states
o If pin 5 is outputting voltage, then we will have the green LED illuminated to show a running state
o If pin 5 is not outputting voltage, then we will have the red LED illuminated to show a stopped state
• Connect red LED pin 4 of CS4M22R to an output pin of a desired IC that is also connected to NPN pin 5
• Connect green LED pin 3 of CS4M22R to an output pin of a desired IC that is also connected to NPN pin 5
• Send a high signal from the IC to the red LED when the green LED is active and pulling low. This will prevent the
red from illuminating
• Send a high signal from the IC to the green LED when the red LED is active and pulling low. This will prevent the
green LED from illuminating
• If power pin 6 and ground pin 1 have been wired to the switch each LED can be grounded for constant
illumination if desired. This illumination will ignore the state change of the switch
• Remember to use any needed resistors to avoid damaging components



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com