| Electronic Components Datasheet Search |
|
NRF7002-QFAA-R7 Datasheet(PDF) 23 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF7002-QFAA-R7 Datasheet(HTML) 23 Page - Nordic Semiconductor |
|
23 / 61 page ![]() Coexistence Signal name I/O Requirement Bluetooth LE/IEEE 802.15.4 signal (3- wire/4-wire) Description COEX_REQ Input Mandatory for 3- wire and 4-wire SR_REQUEST Bluetooth LE/IEEE 802.15.4 device requesting a TX/RX transaction COEX_STATUS0 Input Mandatory for 3- wire and 4-wire SR_STATUS Indicates if the Bluetooth LE/ IEEE 802.15.4 transaction is TX or RX. If the device supports a Priority signal, Priority is muxed with TX/RX on this signal based on the timing diagrams. COEX_GRANT Output Mandatory for 3- wire and 4-wire SR_GRANT Indicates that the Bluetooth LE/IEEE 802.15.4 device is granted access for this transaction. COEX_STATUS1/ SW_CTRL1 Input/ Output Optional for 3-wire SR_PTI/ RF_SW_CTRL1 In 4-wire mode, this carries the Bluetooth LE/IEEE 802.15.4 1 bit priority signal. In 3-wire Shared Antenna mode, this can be optionally used as a second antenna switch control signal. SW_CTRL0 Output Mandatory for 3- wire and 4-wire Shared Antenna mode. Optional otherwise RF_SW_CTRL0 Used for antenna switch control in Shared Antenna mode. Table 6: Coexistence hardware signals Note: The behavior of SW_CTRL0/1 is programmable and dependent on the configured coexistence mode and switch control interface. 8.1 Bluetooth LE/IEEE 802.15.4 timing This sections provides several Bluetooth LE/IEEE 802.15.4 timing diagrams and parameters. 3-wire with multiplexed priority The following diagram shows external Bluetooth LE/IEEE 802.15.4 timing parameters when SR_STATUS carries both priority and TX/RX information in a time multiplexed manner. 4486_184 v1.0 23 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |