Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRF7002-QFAA-R7 Datasheet(PDF) 52 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R7
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R7 Datasheet(HTML) 52 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 56Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
Glossary
Access Point (AP)
A networking hardware device that allows other Wi-Fi devices to connect to a wired network.
Analog-to-Digital Converter (ADC)
A system that converts an analog signal, such as a sound picked up by a microphone or light entering
a digital camera, into a digital signal.
Application Programming Interface (API)
A language and message format used by an application program to communicate with an operating
system, application, or other service.
Basic Service Set (BSS)
A subgroup of devices in a service set that share physical-layer medium access characteristics such
that they are wirelessly networked.
Basic Service Set Identifier (BSSID)
A unique address that identifies the access point/router that creates the wireless network.
Carrier Wave (CW)
A single-frequency electromagnetic wave that can be modulated in amplitude, frequency, or phase
to convey information.
Digital-to-Analog Converter (DAC)
A system that converts a digital signal into an analog signal.
Delivery Traffic Indication Message (DTIM)
A Traffic Indication Message (TIM) that informs clients about the presence of buffered multicast/
broadcast data on the access point.
Extensible Authentication Plan (EAP)
An authentication framework frequently used in network and internet connections. It provides the
transport and usage of material and parameters generated by EAP methods.
Factory Information Configuration Registers (FICR)
Pre-programmed registers that contain chip-specific information and configuration. FICRs cannot be
erased by users.
General-Purpose Input/Output (GPIO)
A digital signal pin that can be used as input, output, or both. It is uncommitted and can be
controlled by the user at runtime.
Group Temporal Key (GTK)
A key used to decrypt multicast and broadcast traffic
Internet of Things (IoT)
4486_184 v1.0
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com