Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF2484 Datasheet(PDF) 50 Page - OSRAM GmbH

Part # DF2484
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DF2484 Datasheet(HTML) 50 Page - OSRAM GmbH

Back Button DF2484 Datasheet HTML 46Page - OSRAM GmbH DF2484 Datasheet HTML 47Page - OSRAM GmbH DF2484 Datasheet HTML 48Page - OSRAM GmbH DF2484 Datasheet HTML 49Page - OSRAM GmbH DF2484 Datasheet HTML 50Page - OSRAM GmbH DF2484 Datasheet HTML 51Page - OSRAM GmbH DF2484 Datasheet HTML 52Page - OSRAM GmbH DF2484 Datasheet HTML 53Page - OSRAM GmbH DF2484 Datasheet HTML 54Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
4. Operating characteristics
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
49
4.6.4 Operation at high
temperatures
On conventional linear fluorescent lamps, the cold spot is normally in the centre of
the lamp. Additionally the luminaire will generally have a large radiating surface
which will ensure moderate tube wall temperatures and high efficiency. In contrast
to linear fluorescent lamps, compact fluorescent lamps are much shorter despite
having high lamp wattages. There is therefore a tendency to make luminaires as
small as possible. Often the thermal characteristics are ignored.
In particularly small enclosed luminaire systems the temperatures at the points on nor-
mal OSRAM DULUX® lamps that have a major influence on luminous flux are so high
that luminous flux and therefore the efficiency of the luminaire are reduced appreciably.
Because in such cases the lamps are no longer operated at their optimum
there are also changes in the electrical values of the lamp (reduced lamp
power) at high ambient temperatures, which in turn will impair the control
gear and shorten the life of the lamp. It is important therefore to take into
consideration the maximum temperatures permitted on the lamp (see 4.8).
At high ambient temperatures, at which conventional OSRAM DULUX® lamps cannot
be operated at their optimum (reduced luminous flux), it makes sense to use OSRAM
DULUX® IN amalgam lamps to achieve maximum luminous flux. Since they achieve
their optimum mercury vapour pressure at a high lamp ambient temperature, amalgam
lamps operate at their optimum efficiency under the same conditions in narrow lumi-
naires and therefore achieve a higher lamp power.
All the electrical and photometric values (lamp current, lamp voltage and luminous
flux) relate to the higher lamp output. In narrow luminaires equipped with OSRAM
DULUX® IN lamps, there is therefore more heat released than is the case with normal
OSRAM DULUX® lamps. This leads to an increase in temperature at the IEC measu-
ring point and must be taken into consideration when designing the luminaires. The
maximum permitted temperature at the IEC measuring point is 140 ºC (measuring
point 1, see 4.8).
4.6.5 Operation at low
temperatures
The following points must be taken into account when operating OSRAM DULUX®
lamps on CCGs and ECGs at low temperatures:
1. The lamp must be capable of starting at the required temperature.
2. After ignition, the tube wall must warm up sufficiently for the lamp to operate
within its optimum range
The low ambient temperatures at which OSRAM DULUX® will ignite reliably in con-
junction with conventional control gear are shown in 4.2. If operated with appropriate
electronic control gear, OSRAM DULUX® lamps with four-pin bases can ignite at
even lower temperatures.
In low-temperature applications, the lamps should be used only in enclosed lumi-
naires. It is important for the volume of the luminaire to be such that the lamp(s) can
warm up rapidly so that ambient temperatures at which the lamps will operate
efficiently are reached within a short time. If there are considerable fluctuations in
temperature, the luminous flux/temperature curves for the different burning positions
should be studied in order to arrive at a suitable compromise between lamp and
luminaire efficiency.
OSRAM DULUX® T/E IN lamps (amalgam lamps), particularly the high-wattage
models, can also be used at low temperatures in luminaires of suitable dimensions.
However, they will take longer to reach their full luminous flux.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com