Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF2484 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # DF2484
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DF2484 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button DF2484 Datasheet HTML 17Page - OSRAM GmbH DF2484 Datasheet HTML 18Page - OSRAM GmbH DF2484 Datasheet HTML 19Page - OSRAM GmbH DF2484 Datasheet HTML 20Page - OSRAM GmbH DF2484 Datasheet HTML 21Page - OSRAM GmbH DF2484 Datasheet HTML 22Page - OSRAM GmbH DF2484 Datasheet HTML 23Page - OSRAM GmbH DF2484 Datasheet HTML 24Page - OSRAM GmbH DF2484 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
2.2.4 Inductive
operation
Lead-lag circuit
With certain lamps in two-lamp inductive arrangements, a lead-lag circuit can be set
up in which one of the two CCGs is combined with a series capacitor.
For data for the capacitor see 3.2.2.
2. Lamp data
20
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
2.2.3 Inductive operation
Series circuit
Series circuits (tandem circuits) are possible only for certain types of lamp in which the
arc voltage does not exceed certain values (see 3.2.1).
Measurement conditions
according to IEC 60901:
220 V / 50 Hz supply voltage1)
Operation on reference gear
Ambient temperature 25°C
Lamps aged 100 hours
Base-up position for OSRAM DULUX® S, D, T
Horizontal position for OSRAM DULUX® L, F
1)
In accordance with IEC 60901, measurements are taken at 220 V/50 Hz on the reference control gear.
There is no change, however, in the electrical lamp data for 230 V and 240 V supplies, provided
suitable control gear is used.
Reference control
Lamp data
gear data
Lamp
Lumi-
Lamp
Lumi-
Arc
Lamp
Cali-
Im-
Power
reference
nous
watt-
nous
vol-
current bration
ped-
factor
flux
age
efficacy
tage
current
ance
lm
W
lm/W
V
mA
mA
Ω
2x DULUX® S 5W
500
11
45
35
180
170
1070 0.12
2x DULUX® S 7W
800
13.7
58
47
160
170
1070 0.12
2x DULUX® S 9W
950
14.4
66
60
130
170
1070 0.12
2x DULUX® L 18W
2500
38
66
58
425
370
390
0.12
2x DULUX® F 18W
2300
38
61
56
425
370
390
0.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com