Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATS25ASM Datasheet(PDF) 1 Page - CTS Corporation

Part # ATS25ASM
Description  Leaded or Surface Mount Quartz Crystal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

ATS25ASM Datasheet(HTML) 1 Page - CTS Corporation

  ATS25ASM Datasheet HTML 1Page - CTS Corporation ATS25ASM Datasheet HTML 2Page - CTS Corporation ATS25ASM Datasheet HTML 3Page - CTS Corporation ATS25ASM Datasheet HTML 4Page - CTS Corporation ATS25ASM Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document No. 008-0309-0
Page 1 - 5
Rev. C
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
ATS/ATS-SM
Leaded or Surface Mount Quartz Crystal
FEATURES
• Standard HC-49/US or HC-49/US SM Low
Profile Package Options
• Stable Frequency Over Temperature and
Drive Level
• Fundamental and 3rd Overtone Crystals
• Frequency Range 3.5 – 60 MHz
• Frequency Tolerance, ±30 ppm Standard
• Frequency Stability, ±50 ppm Standard
• Operating Temperature, –20°C to +70°C
• Tape & Reel Packaging Available
• RoHS/Green Compliant
DESCRIPTION
The ATS/ATS-SM crystal series offers excellent
long-term stability and reliability in a proven
resistance-weld metal package. The excellent
shock performance makes it suitable for
microprocessor, telecommunication, consumer
electronic and networking applications.
STANDARD PART NUMBERS AVAILABLE @ CTS DISTRIBUTORS
ATS
ATS-SM
PART NUMBER FREQUENCY
(MHz)
LOAD
CAPACITANCE
OPERATING
MODE
PART NUMBER FREQUENCY
(MHz)
LOAD
CAPACITANCE
OPERATING
MODE
ATS036
3.579545
18 pF
Fundamental
ATS036SM
3.579545
18 pF
Fundamental
ATS037
3.686400
20 pF
Fundamental
ATS037SM
3.686400
20 pF
Fundamental
ATS040
4.000000
20 pF
Fundamental
ATS040SM
4.000000
20 pF
Fundamental
ATS042
4.915200
20 pF
Fundamental
ATS042SM
4.915200
20 pF
Fundamental
ATS050
5.068800
20 pF
Fundamental
ATS050SM
5.068800
20 pF
Fundamental
ATS060
6.000000
20 pF
Fundamental
ATS060SM
6.000000
20 pF
Fundamental
ATS08A
8.000000
20 pF
Fundamental
ATS08ASM
8.000000
20 pF
Fundamental
ATS098
9.830400
20 pF
Fundamental
ATS098SM
9.830400
20 pF
Fundamental
ATS100
10.000000
Series
Fundamental
ATS100SM
10.000000
Series
Fundamental
ATS111
11.059200
20 pF
Fundamental
ATS10ASM
10.000000
20 pF
Fundamental
ATS120
12.000000
Series
Fundamental
ATS111SM
11.059200
20 pF
Fundamental
ATS122
12.288000
20 pF
Fundamental
ATS120SM
12.000000
Series
Fundamental
ATS143
14.318180
Series
Fundamental
ATS122SM
12.288000
20 pF
Fundamental
ATS15A
15.360000
20 pF
Fundamental
ATS143SM
14.318180
Series
Fundamental
ATS160
16.000000
Series
Fundamental
ATS15ASM
15.360000
20 pF
Fundamental
ATS16A
16.000000
20 pF
Fundamental
ATS160SM
16.000000
Series
Fundamental
ATS200
20.000000
Series
Fundamental
ATS200SM
20.000000
Series
Fundamental
ATS204
20.480000
20 pF
Fundamental
ATS204SM
20.480000
20 pF
Fundamental
ATS245
24.576000
Series
Fundamental
ATS245SM
24.576000
Series
Fundamental
ATS250
25.000000
Series
Fundamental
ATS25A
25.000000
20 pF
Fundamental
Contact your authorized CTS distributor for availability.


Similar Part No. - ATS25ASM

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATS25ASM-1 CTS-ATS25ASM-1 Datasheet
182Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS25ASM-1 CTS-ATS25ASM-1 Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS25ASM-1 CTS-ATS25ASM-1 Datasheet
182Kb / 6P
Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
ATS25ASM-1E CTS-ATS25ASM-1E Datasheet
182Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS25ASM-1E CTS-ATS25ASM-1E Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
More results

Similar Description - ATS25ASM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JXE75 ETC1-JXE75 Datasheet
63Kb / 2P
Surface Mount Quartz Crystal
logo
CTS Corporation
403 CTS-403 Datasheet
132Kb / 3P
Surface Mount Quartz Crystal
405 CTS-405 Datasheet
135Kb / 3P
Surface Mount Quartz Crystal
ATP-SM CTS-ATP-SM_06 Datasheet
118Kb / 4P
Surface Mount Quartz Crystal
407 CTS-407 Datasheet
155Kb / 3P
Surface Mount Quartz Crystal
425 CTS-425 Datasheet
136Kb / 3P
Surface Mount Quartz Crystal
445W21AXXMXXXXX CTS-445W21AXXMXXXXX Datasheet
108Kb / 2P
Surface Mount Quartz Crystal
405C11A19M20000 CTS-405C11A19M20000 Datasheet
125Kb / 3P
Surface Mount Quartz Crystal
405C35D48M00000 CTS-405C35D48M00000 Datasheet
125Kb / 3P
Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX11VSM STATEK-CX11VSM Datasheet
104Kb / 2P
Surface Mount Quartz Crystal
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com