Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATS25ASM Datasheet(PDF) 2 Page - CTS Corporation

Part # ATS25ASM
Description  Leaded or Surface Mount Quartz Crystal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

ATS25ASM Datasheet(HTML) 2 Page - CTS Corporation

  ATS25ASM Datasheet HTML 1Page - CTS Corporation ATS25ASM Datasheet HTML 2Page - CTS Corporation ATS25ASM Datasheet HTML 3Page - CTS Corporation ATS25ASM Datasheet HTML 4Page - CTS Corporation ATS25ASM Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document No. 008-0309-0
Page 2 - 5
Rev. C
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
ATS/ATS-SM
Low Cost Quartz Crystal
ADDITIONAL PART NUMBERS AVAILABLE FROM CTS
ATS
ATS-SM
PART NUMBER FREQUENCY
(MHz)
LOAD
CAPACITANCE
OPERATING
MODE
PART NUMBER FREQUENCY
(MHz)
LOAD
CAPACITANCE
OPERATING
MODE
ATS04A
4.000000
Series
Fundamental
ATS04ASM
4.000000
Series
Fundamental
ATS061
6.144000
20 pF
Fundamental
ATS061SM
6.144000
20 pF
Fundamental
ATS073
7.372800
20 pF
Fundamental
ATS073SM
7.372800
20 pF
Fundamental
ATS080
8.000000
Series
Fundamental
ATS080SM
8.000000
Series
Fundamental
ATS10A
10.000000
20 pF
Fundamental
ATS099SM
9.830400
Series
Fundamental
ATS099
9.830400
Series
Fundamental
ATS12ASM
12.000000
20 pF
Fundamental
ATS12A
12.000000
20 pF
Fundamental
ATS125SM
12.288000
Series
Fundamental
ATS125
12.288000
Series
Fundamental
ATS123SM
12.296000
20 pF
Fundamental
ATS123
12.296000
20 pF
Fundamental
ATS124SM
12.296000
Series
Fundamental
ATS124
12.296000
Series
Fundamental
ATS127SM
12.352000
20 pF
Fundamental
ATS127
12.352000
20 pF
Fundamental
ATS126SM
12.352000
Series
Fundamental
ATS126
12.352000
Series
Fundamental
ATS135SM
13.500000
20 pF
Fundamental
ATS135
13.500000
20 pF
Fundamental
ATS14ASM
14.318180
20 pF
Fundamental
ATS14A
14.318180
20 pF
Fundamental
ATS16ASM
16.000000
20 pF
Fundamental
ATS16A
16.000000
20 pF
Fundamental
ATS16BSM
16.000000
18 pF
Fundamental
ATS169
16.934400
20 pF
Fundamental
ATS169SM
16.934400
20 pF
Fundamental
ATS184
18.432000
Series
Fundamental
ATS184SM
18.432000
Series
Fundamental
ATS18A
18.432000
20 pF
Fundamental
ATS18ASM
18.432000
20 pF
Fundamental
ATS196
19.660800
Series
Fundamental
ATS196SM
19.660800
Series
Fundamental
ATS19A
19.660800
20 pF
Fundamental
ATS19ASM
19.660800
20 pF
Fundamental
ATS20A
20.000000
20 pF
Fundamental
ATS20ASM
20.000000
20 pF
Fundamental
ATS20B
20.000000
50 pF
Fundamental
ATS20BSM
20.000000
50 pF
Fundamental
ATS22A
22.118400
20 pF
Fundamental
ATS22ASM
22.118400
20 pF
Fundamental
ATS240
24.000000
Series
Fundamental
ATS240SM
24.000000
Series
Fundamental
ATS24A
24.000000
20 pF
Fundamental
ATS24ASM
24.000000
20 pF
Fundamental
ATS24B
24.579000
20 pF
Fundamental
ATS24BSM
24.576000
20 pF
Fundamental
ATS320
32.000000
Series
3RD Overtone
ATS250SM
25.000000
Series
Fundamental
ATS32A
32.000000
20 pF
3RD Overtone
ATS25ASM
25.000000
20 pF
Fundamental
ATS400
40.000000
Series
3RD Overtone
ATS320SM
32.000000
Series
3RD Overtone
ATS40A
40.000000
20 pF
3RD Overtone
ATS32ASM
32.000000
20 pF
3RD Overtone
ATS400SM
40.000000
Series
3RD Overtone
ATS40ASM
40.000000
20 pF
3RD Overtone
Contact your local CTS Representative or CTS Customer Service for availability.
ADDITIONAL ORDERING INFORMATION
Available Standard Product Options
* Standard packaging is bulk in a bag.
** Standard packaging is tape and reel. CTS Distributors
may use –T for Tape and Reel indicator.
NON-Standard Ordering Options
Custom performance characteristics and lead trim requirements available upon request. Use form C052 to detail non-standard parameters.
Contact your local CTS Representative or CTS Customer Service for assistance.
ATS
SM -
PRODUCT OPTIONS
1 or T - Tape and Reel
Packaging **
FREQUENCY
Product Frequency Code. Refer to
Product Part Number Tables.
-
ATS
PRODUCT OPTIONS
INS - Insulation Spacer
1 - Radial Taping (Ammopak) *
FREQUENCY
Product Frequency Code. Refer to
Product Part Number Tables.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com