Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

704.963.6.. Datasheet(PDF) 44 Page - EAO AG.

Part # 704.963.6..
Description  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 44 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 40Page - EAO AG. 704.963.6.. Datasheet HTML 41Page - EAO AG. 704.963.6.. Datasheet HTML 42Page - EAO AG. 704.963.6.. Datasheet HTML 43Page - EAO AG. 704.963.6.. Datasheet HTML 44Page - EAO AG. 704.963.6.. Datasheet HTML 45Page - EAO AG. 704.963.6.. Datasheet HTML 46Page - EAO AG. 704.963.6.. Datasheet HTML 47Page - EAO AG. 704.963.6.. Datasheet HTML 48Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 130 page
background image
04
Devices flush mounting
42
07.2010
Essential Accessories:
d Switching element page 51
Continuation see next page
Switching action: MA = Maintained action, M = Momentary action
Mounting dimensions from page 91, Technical drawing from page 95, Circuit drawing from page 115
Selector switch actuator 3 positions, short lever, flush mounting
0
Frontbezel/-ring Lever
b 35 x 35 mm
Typ-Nr.
Ø 35 mm
Typ-Nr.
e
Selector switch actuator 3 positions,
short lever, flush mounting
Position C : Maintained action 42°
Position A : Basic position
Position B : Momentary action 42°
IP 65
MA-0-M
Plastic black
Plastic black
704.506.000
12 23 39 0.056
Plastic silver
Plastic black
704.506.008
12 23 39 0.056
Position C : Momentary action 42°
Position A : Basic position
Position B : Maintained action 42°
IP 65
M-0-MA
Plastic black
Plastic black
704.508.000
12 23 36 0.056
Plastic silver
Plastic black
704.508.008
12 23 36 0.056
Position C + B : Maintained action 42°
Position A : Basic position
IP 65
MA-0-MA Plastic black
Plastic black
704.502.000
12 23 40 0.056
Plastic silver
Plastic black
704.502.008
12 23 40 0.056
Position C + B : Momentary action 42°
Position A : Basic position
IP 65
M-0-M
Plastic black
Plastic black
704.504.000
12 23 35 0.056
Plastic silver
Plastic black
704.504.008
12 23 35 0.056
Position C : Maintained action 42°
Position A : Basic position
Position B : Momentary action 42°
IP 65
MA-0-M
Aluminium
black
Plastic black
704.407.010
7
23390.056
Aluminium
natural
Plastic black
704.407.018
7
23390.056
Position C : Momentary action 42°
Position A : Basic position
Position B : Maintained action 42°
IP 65
M-0-MA
Aluminium
black
Plastic black
704.409.010
7
23360.056
Aluminium
natural
Plastic black
704.409.018
7
23360.056
Position C + B : Maintained action 42°
Position A : Basic position
IP 65
MA-0-MA Aluminium
black
Plastic black
704.403.010
7
23400.056
Aluminium
natural
Plastic black
704.403.018
7
23400.056
Position C + B : Momentary action 42°
Position A : Basic position
IP 65
M-0-M
Aluminium
black
Plastic black
704.405.010
7
23350.056
Aluminium
natural
Plastic black
704.405.018
7
23350.056



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com