Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

704.963.6.. Datasheet(PDF) 39 Page - EAO AG.

Part # 704.963.6..
Description  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 39 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 35Page - EAO AG. 704.963.6.. Datasheet HTML 36Page - EAO AG. 704.963.6.. Datasheet HTML 37Page - EAO AG. 704.963.6.. Datasheet HTML 38Page - EAO AG. 704.963.6.. Datasheet HTML 39Page - EAO AG. 704.963.6.. Datasheet HTML 40Page - EAO AG. 704.963.6.. Datasheet HTML 41Page - EAO AG. 704.963.6.. Datasheet HTML 42Page - EAO AG. 704.963.6.. Datasheet HTML 43Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 130 page
background image
04
Devices flush mounting
37
07.2010
Essential Accessories:
d Switching element for Emergency-stop pushbutton page 54
Continuation see next page
Switching action: MA = Maintained action
Mounting dimensions from page 91, Technical drawing from page 95, Circuit drawing from page 115
Essential Accessories:
d Switching element page 51
Continuation see next page
Switching action: MA = Maintained action, M = Momentary action
Mounting dimensions from page 91, Technical drawing from page 95, Circuit drawing from page 115
Stop pusbutton actuator, flush mounting
Front ring
Mushroom had cap
Marking
Ø 40 mm
Typ-Nr.
e
Stop pusbutton actuator, flush
mounting
Twist to unlock clockwise
IP 65
MA
Aluminium black
Plastic red
Arrows
704.074.210
10
26
6
0.048
Stop
704.075.310
10
26
6
0.048
Aluminium natural
Plastic red
Arrows
704.075.218
10
26
6
0.048
Stop
704.075.318
10
26
6
0.048
Mushroom-head pushbutton actuator, flush mounting
Front ring
Mushroom had cap
Ø 40 mm
Typ-Nr.
e
Mushroom-head pushbutton actuator, flush
mounting
IP 65
Aluminium black
MA
Plastic red
704.073.210
10
27
3
0.041
M
Plastic red
704.071.210
10
27
4
0.041
Plastic yellow
704.071.410
10
27
4
0.041
Aluminium natural
M
Plastic red
704.071.218
10
27
4
0.041
Plastic yellow
704.071.418
10
27
4
0.041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com