Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJUDCAPIW Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CJUDCAPIW
Description  45° Angled Wire Caps for TX6A, TX6 PLUS and TX5e Mini-Com UTP Jack Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CJUDCAPIW Datasheet(HTML) 1 Page - PANDUIT CORP.

  CJUDCAPIW Datasheet HTML 1Page - PANDUIT CORP. CJUDCAPIW Datasheet HTML 2Page - PANDUIT CORP. CJUDCAPIW Datasheet HTML 3Page - PANDUIT CORP. CJUDCAPIW Datasheet HTML 4Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.panduit.com
SPECIFICATION SHEET
applications
45° Angled Wire Caps can be used with compatible
TX6A, TX6 PLUS and TX5e Mini-Com® UTP Jack
Modules where ever an angled cable exit from the
modular jack is desired and in confined jack
mounting spaces such as in modular furniture,
raceway, and wall outlets with conduit. 45° Angled
Wire Caps are especially beneficial for use with
Category 6A cabling which is increasingly being
deployed in office and furniture applications, since
their angled routing better accommodates the larger
bundle diameter and bigger bend radius of Category
6A cable.
specifications
45° Angled Wire Caps for TX6A, TX6 PLUS and
TX5e Mini-Com® UTP Jack Modules
technical information
Channel and
component
performance^:
Exceeds channel and component requirements of ANSI/TIA-568-C.2 and ISO 11801
standards for the respective Category or Class performance levels at the designated
swept frequencies for that Category or Class
IEC compliance^:
Meets IEC 60603-7
RoHS compliance:
Compliant
PoE compliance^:
Supports 2500 connection cycles with IEEE 802.3af / 802.3at and proposed
802.3bt type 3 and type 4
UL rated^:
UL 1863 and UL 2043
Operating
temperature:
-10°C to 65°C (14°F to 149°F)
Conductor
termination range:
Compatible with 22 – 26 AWG solid or stranded cable with conductor insulation
diameters of 0.060 in. max. and overall cable O.D. 0.200 in. to 0.330 in
Depth reduction
provided:
Allows 55% reduction in cable routing depth compared to straight exit wire cap
with both allowing proper cable bend radius for 0.275 inch (6.99 mm) diameter
cable (0.500" with angled caps vs. 1.100" with straight exit caps)
^When mated to compatible UTP jack modules.
key features and benefits
Angled cable exit:
Large diameter cable can be routed to jacks in tight spaces while maintaining
proper bend radius; also can be used on multiple jacks positioned next to
each other
Reversible direction
design:
Both wire cap versions can be inserted into compatible jacks in either
direction, bringing the convenience of needing only two parts to handle up,
down, left, or right cable routing needs
Wide compatibility:
Immediate compatibility with Panduit’s most common Mini-Com® UTP jacks
Economical:
Angled wire caps can easily be applied to new or already installed compatible
jacks to gain routing advantages without needing to purchase new jacks
Uses enhanced Giga-TX
Technology:
Optimizes performance by eliminating conductor untwist and reduces
installation time and expense
Consistent termination
design:
Similarity in both conductor management and termination method to
Panduit’s most common straight exit Mini-Com® UTP jacks; ensures minimal
learning curve and fast field terminations
Termination tool available: TGSJT termination tool functions for both wire cap versions and ensures
conductors are fully terminated by utilizing a smooth forward motion without
impact on critical internal components for maximum reliability
45° angled wire caps, when mated with compatible UTP jack
modules, shall provide improved cable routing to jacks in confined
spaces. Angled wire caps shall terminate 4-pair, 22 - 26 AWG, 100
ohm unshielded twisted pair cable and shall use a forward motion
termination method to optimize performance by maintaining cable pair
geometry while eliminating conductor untwist.
The wire caps shall be color-coded to designate performance category
and shall include a universal label coded for T568B wiring schemes.
45° Angled Wire Caps for Mini-Com ®
UTP Jack Modules
Up/Down 45° Angle Caps
TX6A™:
CJUDCAPBU-%
TX6 ™ PLUS:
CJUDCAPIW-%
TX5e™:
CJUDCAPRD-%
Left/Right 45° Angle Caps
TX6A™:
CJLRCAPBU-%
TX6 ™PLUS:
CJLRCAPIW-%
TX5e™:
CJLRCAPRD-%
Compatible Mini-Com ® UTP Jack
Modules TX6A™ UTP with MaTriX
Technology
Mini-Com® UTP Jack Modules
TX6A™:
CJ6X88TG*
TX6 ™ PLUS:
CJ688TG*
TX5e™:
CJ5E88TG*
Mini-Com® Spring Shuttered UTP
Jack Modules
TX6A™:
CJH6X88TG*
TX6 ™PLUS:
CJH688TG*
TX5e™:
CJH5E88TG*
Tools and Accessories
Jack module
Termination tool:
TGSJT
Wire snipping tool: CWST
Wire stripping tool: CJAST
% = Package size (X = 10, C = 100)
* To designate color, add suffix IW (Off White),
EI (Electric Ivory), IG (International Gray),
AW (Arctic White), BL (Black), BU (Blue),
RD (Red), YL (Yellow), GR (Green),
OR (Orange,) BR (Brown), GD (Gold), LB
(Light Blue), PK (Pink) or VL (Violet).


Similar Part No. - CJUDCAPIW

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CJUD688TGBL PANDUIT-CJUD688TGBL Datasheet
230Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Modules
CJUD688TGBR PANDUIT-CJUD688TGBR Datasheet
230Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Modules
CJUD688TGBU PANDUIT-CJUD688TGBU Datasheet
230Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Modules
CJUD688TGGD PANDUIT-CJUD688TGGD Datasheet
230Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Modules
CJUD688TGGR PANDUIT-CJUD688TGGR Datasheet
230Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Modules
More results

Similar Description - CJUDCAPIW

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CJ88IWY PANDUIT-CJ88IWY Datasheet
94Kb / 2P
Mini-Com짰 Mini-Jack??Category 3 UTP Jack Modules
CJ688TG PANDUIT-CJ688TG Datasheet
110Kb / 1P
TX6 PLUS CAT6 JACK MODULE
CJK688TG PANDUIT-CJK688TG Datasheet
168Kb / 3P
MINI-COM TX6 PLUS UTP KEYED JACK MODULE CUSTOMER DRAWING
CJS5E88TGY PANDUIT-CJS5E88TGY Datasheet
487Kb / 3P
Mini-Com짰 TX5e??Shielded Jack Modules
CJS688TGY PANDUIT-CJS688TGY Datasheet
486Kb / 3P
Mini-Com짰 TX6??PLUS Shielded Jack Modules
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
CJ688TGAW PANDUIT-CJ688TGAW Datasheet
230Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Modules
CJ5E88TGBL PANDUIT-CJ5E88TGBL Datasheet
180Kb / 2P
Mini-Com짰 TX5e??UTP Jack Modules
4/2015
CJ688TPIW PANDUIT-CJ688TPIW Datasheet
170Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Module
5/2016
CPPKL6ATG48WBL PANDUIT-CPPKL6ATG48WBL Datasheet
171Kb / 1P
MINI-COM 48 PORT TX6A 10 GIG MODULAR PATCH PANEL KIT
6-25-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com