Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJUDCAPIW Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # CJUDCAPIW
Description  45° Angled Wire Caps for TX6A, TX6 PLUS and TX5e Mini-Com UTP Jack Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CJUDCAPIW Datasheet(HTML) 3 Page - PANDUIT CORP.

  CJUDCAPIW Datasheet HTML 1Page - PANDUIT CORP. CJUDCAPIW Datasheet HTML 2Page - PANDUIT CORP. CJUDCAPIW Datasheet HTML 3Page - PANDUIT CORP. CJUDCAPIW Datasheet HTML 4Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
45° Angled Wire Caps for TX6A, TX6 PLUS and TX5e Mini-Com®
UTP Jack Modules
Panduit 6A UTP Cable (0.275”)
Panduit 6A UTP Cable (0.275”)
Panduit TG Jacks
Faceplate CFP4** (0.220”)
Commercial Drywall (0.625”)
Angled reduces
depth by 40%
Panduit Up/Down 45° Angled Wire Caps
Space Savings in
Typical Wall Outlet Application
1.075”
1.829”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com