Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHDMM2MP Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # RHDMM2MP
Description  6ft (2m) Premium Certified HDMI 2.0 Cable with Ethernet - Durable High Speed UHD 4K 60Hz HDR - Rugged M/M HDMI Cord with Aramid Fiber - TPE - Ultra HD Monitors, TVs & Displays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

RHDMM2MP Datasheet(HTML) 2 Page - StarTech.com Ltd.

  RHDMM2MP Datasheet HTML 1Page - StarTech.com Ltd. RHDMM2MP Datasheet HTML 2Page - StarTech.com Ltd. RHDMM2MP Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RHDMM2MP is backed by a StarTech.com lifetime warranty and free lifetime technical support.
Certifications, Reports and Compatibility
Applications
• Connect 4K/Ultra HD displays and devices
Features
• HIGH PERFORMANCE CABLE: 6.6 ft (2 m) Premium Certified HDMI 2.0 with Ethernet, 4K 60Hz (up to
4096x2160p), 18Gbps bandwidth, HDR10 for high contrast ratio, Ultra wide aspect ratio, 32 Ch multi-stream audio
(5.1/7.1/DD+/Dolby TrueHD/Atmos) 1536Hz sampling
• DURABLE: HDMI cable w/Kevlar aramid fiber for high tensile strength & durability; Tested up to 10000+ bend
cycles at 180 angle & 5000+ insertions; Al-Mylar Foil w/ Braid provides EMI shielding ensures signal integrity; Ideal
for Commercial environments
• FLEXIBLE CABLE: Long lasting TPE jacket and strain relief absorbs stress of frequent bends protecting the core of
the rugged UHD HDMI 34AWG cord; TPE is non-toxic, halogen free and RoHS certified for environmental
sustainability
• APPLICATIONS: Ideal for home/office and travel, works with computer/laptop/desktop/workstation; Connect your
TV/monitor/display/projector/soundbar; Samsung/Sony/Apple TV/Dell/LG; Compatible with HDMI 2.0 Ultra HD, 1080p
Full HD and previous HDMI versions
• SPECS: 6.6 ft (2 m) Black HDMI 2.0 HDMI Male to Male 34 AWG Reinforcement: Aramid Fiber Jacket: TPE
EMI Shielding Audio Return Channel (ARC), HDCP 2.2, CEC, BT.2020 colorimetry Lifetime Warranty
Hardware
Warranty
Lifetime
Connector Plating
Gold
Cable Jacket Material
PVC - Polyvinyl Chloride
Cable Shield Material
Aluminum-Mylar Foil with Braid
Performance
Audio Specifications
Up to 32 audio channels with 1536Hz sampling rate
Connector(s)
Connector A
HDMI (19 pin)
HDMI (19 pin)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com