Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHDMM2MP Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # RHDMM2MP
Description  6ft (2m) Premium Certified HDMI 2.0 Cable with Ethernet - Durable High Speed UHD 4K 60Hz HDR - Rugged M/M HDMI Cord with Aramid Fiber - TPE - Ultra HD Monitors, TVs & Displays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

RHDMM2MP Datasheet(HTML) 1 Page - StarTech.com Ltd.

  RHDMM2MP Datasheet HTML 1Page - StarTech.com Ltd. RHDMM2MP Datasheet HTML 2Page - StarTech.com Ltd. RHDMM2MP Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6ft (2m) Premium Certified HDMI 2.0 Cable with Ethernet - Durable High Speed UHD 4K 60Hz HDR
- Rugged M/M HDMI Cord with Aramid Fiber - TPE - Ultra HD Monitors, TVs & Displays
Product ID: RHDMM2MP
This High Speed HDMI Cable with Ethernet withstands the daily demands of connecting your HDMI devices. Tested
to endure strenuous wear and tear, the rugged cable is a must-have for both business and consumer applications.
The HDMI Premium Certified cable has aramid fiber reinforcement that braces it from the stress of frequent bends.
This also lets the cable flex without over-stretching or damaging the core of the cable.
<ol>
• Aramid fiber adds strength and durability to the cable
• Insulated conductors reduce friction, provide more flexibility
• EMI protection with aluminum-mylar foil with braided shielding
• TPE cable jacket is more flexible than a standard PVC cable</ol>
The cable is constructed to prevent the connector from separating from the jacket. The extra-long strain relief molding
is tested to withstand over 10,000+ bend cycles at a 180 angle.
<ol>
• HDMI gold plated connector with metal shield protects the circuit board from EMI and reinforces the connection
point
• Strain relief tested to tolerate over 10,000+ bend cycles at a 180 angle</ol>
Supporting all HDMI 2.0 specifications, this HDMI Premium Certified cable supports resolutions up to 4K 60Hz with a
bandwidth of up to 18Gbps. The HDMI cable also supports HDR for higher contrast ratio and vivid colors providing an
enriched and enjoyable viewing experience.


Similar Part No. - RHDMM2MP

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
RHDMM2MPW STARTECH-RHDMM2MPW Datasheet
76Kb / 3P
6ft (2m) Premium Certified HDMI 2.0 Cable with Ethernet - Durable High Speed UHD 4K 60Hz HDR - Rugged M/M HDMI Cord with Aramid Fiber - TPE - Ultra HD Monitors, TVs & Displays
More results

Similar Description - RHDMM2MP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P569-006-CERT TRIPPLITE-P569-006-CERT Datasheet
173Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 6 ft.
P569-010 TRIPPLITE-P569-010 Datasheet
157Kb / 2P
High Speed HDMI Cable with Ethernet, Ultra HD 4K x 2K, Digital Video with Audio (M/M), 10-ft.
P569-010-CERT TRIPPLITE-P569-010-CERT Datasheet
175Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 10 ft.
P569-015-CERT TRIPPLITE-P569-015-CERT Datasheet
175Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 15 ft.
P569-016 TRIPPLITE-P569-016 Datasheet
157Kb / 2P
High Speed HDMI Cable with Ethernet, Ultra HD 4K x 2K, Digital Video with Audio (M/M), 16-ft.
P569-020 TRIPPLITE-P569-020 Datasheet
157Kb / 2P
High Speed HDMI Cable with Ethernet, Ultra HD 4K x 2K, Digital Video with Audio (M/M), 20-ft.
P569-025 TRIPPLITE-P569-025 Datasheet
157Kb / 2P
High Speed HDMI Cable with Ethernet, Ultra HD 4K x 2K, Digital Video with Audio (M/M), 25-ft.
P569-006 TRIPPLITE-P569-006 Datasheet
157Kb / 2P
High Speed HDMI Cable with Ethernet, Ultra HD 4K x 2K, Digital Video with Audio (M/M), 6-ft.
P569-001 TRIPPLITE-P569-001 Datasheet
165Kb / 3P
High-Speed HDMI Cable with Ethernet and Digital Video with Audio, UHD 4K x 2K (M/M), 1 ft.
P569-003-CERT TRIPPLITE-P569-003-CERT Datasheet
181Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 3 ft.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com