Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N6PATCH100OR Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # N6PATCH100OR
Description  100ft CAT6 Ethernet Cable - Orange CAT 6 Gigabit Ethernet Wire - 650MHz 100W PoE RJ45 UTP Network/Patch Cord Snagless w/Strain Relief Fluke Tested/Wiring is UL Certified/TIA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

N6PATCH100OR Datasheet(HTML) 1 Page - StarTech.com Ltd.

  N6PATCH100OR Datasheet HTML 1Page - StarTech.com Ltd. N6PATCH100OR Datasheet HTML 2Page - StarTech.com Ltd. N6PATCH100OR Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
100ft CAT6 Ethernet Cable - Orange CAT 6 Gigabit Ethernet Wire - 650MHz 100W PoE RJ45 UTP
Network/Patch Cord Snagless w/Strain Relief Fluke Tested/Wiring is UL Certified/TIA
Product ID: N6PATCH100OR
This 100-foot Cat6 cable meets or exceeds all Category 6 cable specifications to ensure reliable Gigabit network
connections. Plus, the cable features a durable orange PVC jacket that enables you to color code your network cable
runs as needed.
For easier cable runs, the snagless connectors protect the cable’s RJ45 clips during installation, making them less
likely to snag or break. This ensures a sturdy connection by preventing the cable from becoming loose from the port.
The cable features molded boots that offer connector strain relief, by stopping the RJ45 connector termination points
from bending at sharp angles, and reducing the risk of damage to the cable, which could decrease network
performance.
Get the highest value for your cable investment with our Cat 6 cables, each one manufactured using high-quality
copper conductors.
Ensure high-performance capability for your demanding Ethernet applications, such as Power-over-Ethernet, using
cables that include 24 AWG copper.
Rely on our RJ45 connectors to deliver optimum conductivity while eliminating signal loss due to oxidation or
corrosion.
The N6PATCH100OR is backed by StarTech.com’s lifetime warranty for guaranteed reliability.
Certifications, Reports and Compatibility


Similar Part No. - N6PATCH100OR

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
N6PATCH100BL STARTECH-N6PATCH100BL Datasheet
81Kb / 3P
100ft CAT6 Ethernet Cable - Blue CAT 6 Gigabit Ethernet Wire -650MHz 100W PoE RJ45 UTP Network/Patch Cord Snagless w/Strain Relief Fluke Tested/Wiring is UL Certified/TIA
N6PATCH100GR STARTECH-N6PATCH100GR Datasheet
76Kb / 3P
100ft CAT6 Ethernet Cable - Gray CAT 6 Gigabit Ethernet Wire -650MHz 100W PoE RJ45 UTP Network/Patch Cord Snagless w/Strain Relief Fluke Tested/Wiring is UL Certified/TIA
More results

Similar Description - N6PATCH100OR

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N201-001-OR TRIPPLITE-N201-001-OR Datasheet
174Kb / 3P
Cat6 Gigabit Snagless Molded UTP Patch Cable (RJ45 M/M), Orange, 1 ft.
N201-002-OR TRIPPLITE-N201-002-OR Datasheet
174Kb / 3P
Cat6 Gigabit Snagless Molded UTP Patch Cable (RJ45 M/M), Orange, 2 ft.
N201-015-OR TRIPPLITE-N201-015-OR Datasheet
175Kb / 3P
Cat6 Gigabit Snagless Molded UTP Patch Cable (RJ45 M/M), Orange, 15 ft.
N201L-01M-BL TRIPPLITE-N201L-01M-BL Datasheet
49Kb / 3P
Cat6 Gigabit Snagless Molded UTP Ethernet Cable (RJ45 M/M), PoE, LSZH, Blue, 1 m (3.3 ft.)
N201L-03M-BL TRIPPLITE-N201L-03M-BL Datasheet
50Kb / 3P
Cat6 Gigabit Snagless Molded UTP Ethernet Cable (RJ45 M/M), PoE, LSZH, Blue, 3 m (9.8 ft.)
N201L-0P5M-BL TRIPPLITE-N201L-0P5M-BL Datasheet
51Kb / 3P
Cat6 Gigabit Snagless Molded UTP Ethernet Cable (RJ45 M/M), PoE, LSZH, Blue, 0.5 m (1.6 ft.)
N201L-10M-BL TRIPPLITE-N201L-10M-BL Datasheet
52Kb / 3P
Cat6 Gigabit Snagless Molded UTP Ethernet Cable (RJ45 M/M), PoE, LSZH, Blue, 10 m (32.8ft.)
N201L-1P5M-BL TRIPPLITE-N201L-1P5M-BL Datasheet
50Kb / 3P
Cat6 Gigabit Snagless Molded UTP Ethernet Cable (RJ45 M/M), PoE, LSZH, Blue, 1.5 m (4.9 ft.)
N201L-2P5M-BL TRIPPLITE-N201L-2P5M-BL Datasheet
50Kb / 3P
Cat6 Gigabit Snagless Molded UTP Ethernet Cable (RJ45 M/M), PoE, LSZH, Blue, 2.5 m (8.2 ft.)
N201L-3P5M-BL TRIPPLITE-N201L-3P5M-BL Datasheet
50Kb / 3P
Cat6 Gigabit Snagless Molded UTP Ethernet Cable (RJ45 M/M), PoE, LSZH, Blue, 3.5 m (11.5 ft.)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com