Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N6PATCH100OR Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # N6PATCH100OR
Description  100ft CAT6 Ethernet Cable - Orange CAT 6 Gigabit Ethernet Wire - 650MHz 100W PoE RJ45 UTP Network/Patch Cord Snagless w/Strain Relief Fluke Tested/Wiring is UL Certified/TIA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

N6PATCH100OR Datasheet(HTML) 3 Page - StarTech.com Ltd.

  N6PATCH100OR Datasheet HTML 1Page - StarTech.com Ltd. N6PATCH100OR Datasheet HTML 2Page - StarTech.com Ltd. N6PATCH100OR Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Connector(s)
Connector A
1 - RJ-45
Connector B
1 - RJ-45
Physical
Characteristics
Color
Orange
Wire Gauge
24 AWG
Conductor Type
Stranded Copper
Cable Length
100.0 ft [30.5 m]
Product Length
100.0 ft [30.5 m]
Product Width
0.5 in [1.3 cm]
Product Height
0.6 in [1.6 cm]
Weight of Product
2.8 lb [1.3 kg]
Packaging
Information
Package Quantity
1
Package Length
10.1 in [25.6 cm]
Package Width
1.8 in [4.6 cm]
Package Height
13.0 in [33.0 cm]
Shipping (Package)
Weight
2.8 lb [1.3 kg]
What's in the Box
Included in Package
1 - 100 ft. Cat6 Patch Cable - Orange
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com