Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUYHSMFF Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # MUYHSMFF
Description  Headset adapter for headsets with separate headphone / microphone plugs - 3.5mm 4 position to 3 position and 2 position 3.5mm M/F
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

MUYHSMFF Datasheet(HTML) 2 Page - StarTech.com Ltd.

  MUYHSMFF Datasheet HTML 1Page - StarTech.com Ltd. MUYHSMFF Datasheet HTML 2Page - StarTech.com Ltd. MUYHSMFF Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This high quality 3.5mm headset adapter is backed by StarTech.com's lifetime warranty.
Please note:
This adapter is not a headphone splitter or Y-cable. It cannot be used to split the audio output to two separate sets of
headphones or speakers.
Some laptops and mobile devices will not work with all external microphones. This is typically caused by an
impedance mismatch between the microphone and the device. This is due to hardware incompatibility and is not a
limitation of the MUYHSMFF adapter.
Certifications, Reports and Compatibility
Applications
• Connect a headset equipped with separate headphone and microphone plugs to the audio port on your laptop
• Connect an external microphone and powered speakers to the audio port on your laptop
• Connect a headset equipped with separate headphone and microphone plugs to the audio port on your phone or
tablet
Features
• Compact design for maximum portability - a great solution to have on hand in your laptop bag
• Lightweight, yet sturdy design that can easily be plugged in when required
• Headset not included
Hardware
Warranty
Lifetime
Connector Plating
Nickel
Cable Jacket Material
PVC - Polyvinyl Chloride
Connector(s)
Connector A
3.5 mm Mini-Jack (4 Position)
Connector B
3.5 mm Mini-Jack (3 Position)
Special Notes /
Requirements
Note
3.5 mm Mini-Jack (4 position) male is configured per CTIA
Standard



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com