Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUYHSMFF Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # MUYHSMFF
Description  Headset adapter for headsets with separate headphone / microphone plugs - 3.5mm 4 position to 3 position and 2 position 3.5mm M/F
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

MUYHSMFF Datasheet(HTML) 1 Page - StarTech.com Ltd.

  MUYHSMFF Datasheet HTML 1Page - StarTech.com Ltd. MUYHSMFF Datasheet HTML 2Page - StarTech.com Ltd. MUYHSMFF Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Headset adapter for headsets with separate headphone / microphone plugs - 3.5mm 4 position to 3
position and 2 position 3.5mm M/F
Product ID: MUYHSMFF
Have you recently purchased a newer laptop or Ultrabook and now you can’t figure out where to plug in your favorite
headset?
Most new laptops and Ultrabooks come equipped with a single 3.5mm 4-position (4pin) audio port that supports both
audio input and output. A great number of headsets on the market come equipped with two separate headphone and
microphone connectors that are not compatible with this new configuration.
The MUYHSMFF headset adapter features two 3.5mm 3-position ports that provide a separate headphone and
microphone connection that can be connected to the single audio port on your laptop. Alternatively, you can also
connect a separate microphone and powered speakers if you prefer to use Skype or chat online without using a
headset.
Simply connect the headphone plug from your headset into the audio output port marked with the headphone symbol,
and connect the microphone plug into the audio input port marked with the microphone symbol. Plug the adapter into
audio port on your laptop and you’re all set.
Want to work or game without using a headset?
You can also connect a microphone and powered speakers to your laptop using the adapter. Just plug in your
microphone into the audio input port marked with the microphone symbol, and plug your powered speakers into the
audio output port marked with the headphone symbol, and connect the adapter to the audio port on your laptop.
Are you travelling for work or taking a trip?
The headset adapter features a compact and sturdy design that makes it the perfect solution for mobile applications.
Tuck the adapter in with your tablet or slip it inside another carrying case. It works great with tablets and smartphones
that have a single audio port. Just connect the headphone and microphone plugs from your headset into the adapter,
connect the adapter to your mobile device and start talking.


Similar Part No. - MUYHSMFF

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MUY MERITEK-MUY Datasheet
378Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUY160V153M22X25 MERITEK-MUY160V153M22X25 Datasheet
378Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUY160V222M22X25 MERITEK-MUY160V222M22X25 Datasheet
378Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUY160V473M22X25 MERITEK-MUY160V473M22X25 Datasheet
378Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUY160V562M22X25 MERITEK-MUY160V562M22X25 Datasheet
378Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
More results

Similar Description - MUYHSMFF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
logo
Emerson Network Power
ADT-2735-FF-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2735-FF-3MM-02-01 Datasheet
72Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE
logo
Tripp Lite. All Rights ...
P318006MF TRIPPLITE-P318006MF Datasheet
486Kb / 2P
3.5mm Mini Stereo Audio 4 Position TRRS Headset Extension Cable (M-F) 6-ft
logo
Adam Technologies, Inc.
TSA-XX ADAM-TECH-TSA-XX Datasheet
110Kb / 1P
MICRO BLOCK 2 AND 3 POSITION
logo
Tripp Lite. All Rights ...
P318-006-MF TRIPPLITE-P318-006-MF Datasheet
161Kb / 2P
3.5mm Mini Stereo Audio 4 Position TRRS Headset Extension Cable (M/F) 6-ft.
P318-06N-FMM TRIPPLITE-P318-06N-FMM Datasheet
155Kb / 2P
3.5mm 4-Position Female to (x2) 3.5mm 3-Position Male Audio Headset Splitter Adapter, 6-in.
P318-06N-MFF TRIPPLITE-P318-06N-MFF Datasheet
156Kb / 2P
3.5mm 3-Position Female (x2) to 3.5mm 4-Position Male Audio Headset Splitter Adapter, 6-in.
logo
M-System Co.,Ltd.
VOS2T MSYSTEM-VOS2T Datasheet
132Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
VOS2T-R MSYSTEM-VOS2T-R Datasheet
132Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
VOS-E MSYSTEM-VOS-E Datasheet
147Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com