Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTLOCKKEY Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # LTLOCKKEY
Description  Keyed Cable Lock for Laptops - Push-to-Lock Button
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

LTLOCKKEY Datasheet(HTML) 2 Page - StarTech.com Ltd.

  LTLOCKKEY Datasheet HTML 1Page - StarTech.com Ltd. LTLOCKKEY Datasheet HTML 2Page - StarTech.com Ltd. LTLOCKKEY Datasheet HTML 3Page - StarTech.com Ltd. LTLOCKKEY Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Maximize Security
Ensure that your laptop, tablet, dock, smartphone or other device is anchored safely to your workspace.
This keyed cable lock features a durable zinc-alloy lock head. To provide dependable theft protection in a
wide range of retail, commercial, and institutional environments, the 2 m (6.5'.) locking cable is
compatible with laptops or other devices equipped with the industry-standard Kensington lock slot (K-
Slot).
Versatile Use
Ideal for portable use or at the office, the computer cable lock features a strong vinyl-coated steel cable
(4.4 mm diameter). To secure your device in a variety of different work spaces, the flexible steel cable
bends easily to loop around a stationary post or object.
The TAA compliant LTLOCKKEY is backed by a StarTech.com 2-year warranty and free lifetime technical
support.
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com