Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTLOCKKEY Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # LTLOCKKEY
Description  Keyed Cable Lock for Laptops - Push-to-Lock Button
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

LTLOCKKEY Datasheet(HTML) 1 Page - StarTech.com Ltd.

  LTLOCKKEY Datasheet HTML 1Page - StarTech.com Ltd. LTLOCKKEY Datasheet HTML 2Page - StarTech.com Ltd. LTLOCKKEY Datasheet HTML 3Page - StarTech.com Ltd. LTLOCKKEY Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Keyed Cable Lock for Laptops - Push-to-Lock
Button
Product ID: LTLOCKKEY
Easily protect your laptop or other device against theft, using this keyed cable lock. With a convenient
push-to-lock function and no combination required, the steel cable laptop lock maximizes security at the
office or on the go.
Convenient Push-to-Lock Function
Save time every day with the push-to-lock button. Just one press and the lock is set. Plus, for convenient
operation, the cable joint swivels 360 degrees.
No Combination Required
Easily lock and unlock the laptop cable with the provided keys. Two identical keys are provided, to ensure
you always have a spare.
www.startech.com
1 800 265 1844


Similar Part No. - LTLOCKKEY

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
LTLOCK4D STARTECH-LTLOCK4D Datasheet
146Kb / 4P
Laptop Cable Lock - With Swivel Hinge - 4-Digit Combination Lock
LTLOCKNANO STARTECH-LTLOCKNANO Datasheet
69Kb / 3P
6.5 (2m) Laptop Cable Lock - Nano Slot Compatible 4 Digit Combination Security Cable Lock - Serialized Anti-Theft Vinyl Coated Steel Cable Lock for Nano Slot Computer/Device
LTLOCKNBL STARTECH-LTLOCKNBL Datasheet
67Kb / 3P
6.5ft (2m) Laptop Cable Lock - 4-Digit Combination Laptop/Desktop Security Cable Lock for Wedge Slot Computers - Anti-Theft Vinyl-Coated Steel Combo Cable Lock - Portable
More results

Similar Description - LTLOCKKEY

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP13A-12PA-13SC HIROSE-RP13A-12PA-13SC Datasheet
431Kb / 12P
Push-Pull Lock Connector
RP17-13P-12PC HIROSE-RP17-13P-12PC Datasheet
266Kb / 6P
Push-Pull Lock Connectors
RP13A-12PA-13SC HIROSE-RP13A-12PA-13SC_1 Datasheet
575Kb / 12P
Push-Pull Lock Connector
RP17-13P-12PC HIROSE-RP17-13P-12PC_1 Datasheet
365Kb / 6P
Push-Pull Lock Connectors
logo
Bi technologies
P09XS BITECH-P09XS Datasheet
158Kb / 6P
Switch / Push-Lock Option
logo
Molex Electronics Ltd.
0731740420 MOLEX11-0731740420 Datasheet
61Kb / 1P
50 Ohms, DIN 1.0/2.3 Plug, Push Lock for LMR240 Cable
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
one touch push pull lock
RP13 HIROSE-RP13 Datasheet
855Kb / 12P
Plastic Push-Pull Lock Connectors
logo
SHINMEI ELECTRIC CO., L...
PLE-22-748 SHINMEI-PLE-22-748 Datasheet
124Kb / 2P
2.5mm Stroke Push Lock Switch
logo
Molex Electronics Ltd.
0731740420 MOLEX-0731740420_V01 Datasheet
50Kb / 1P
50 Ohms, DIN 1.0/2.3 Plug, Push Lock for LMR240 Cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com