Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSLTAD Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # KSLTAD
Description  Security Slot Adapter Kit - K-Slot Lock Plate Adapter for Tablet/iPad/Computer/Monitor/Phone/Laptop - T-Bar Compatible - MacBook Pro/Air - Anti-theft - Slim Design - Silver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

KSLTAD Datasheet(HTML) 2 Page - StarTech.com Ltd.

  KSLTAD Datasheet HTML 1Page - StarTech.com Ltd. KSLTAD Datasheet HTML 2Page - StarTech.com Ltd. KSLTAD Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• An essential anti-theft tool in high-security environments
• Secure your laptop or other device in public spaces or the office
Features
• ANTI-THEFT PROTECTION: Secure laptops, tablets, monitors, phones & MacBooks with this Security Slot Adapter
Kit that lets you add a K-Slot to any device without a lock slot; Compatible w/ T-Bar Lock
• SLIM DESIGN: This low profile security slot adapter is 0.26" (6.7mm) thick, 1.29" (32.7mm) diameter & silver satin
finish integrates seamlessly with ultra-thin laptops/computers & flat surface devices
• INDUSTRIAL STRENGTH: Includes strong adhesive, alcohol wipe & surface preparation pad; Tested to withstand
up to 296 lbs. of force (depending on surface)
• UNIVERSAL COMPATIBILITY: Secure any device incl MacBook Pro/Air, Ultrabooks, iPad, Chromebooks, displays
& tablets in spaces like classrooms or retail stores by adding a K-Slot laptop lock adapter
• MULTIPURPOSE: This TAA compliant Security Slot Adapter Kit can be mounted to a wall, desk, or other flat
surface to serve as an anchor point for a Kensington style K-Slot laptop lock cable
Physical
Characteristics
Warranty
2 Years
Color
Silver
Material
Zinc Alloy
Product Length
1.3 in [3.3 cm]
Product Width
1.3 in [3.3 cm]
Product Height
0.3 in [6.7 mm]
Weight of Product
0.8 oz [23.8 g]
Packaging
Information
Package Quantity
1
Package Length
8.7 in [22.0 cm]
Package Width
5.0 in [12.8 cm]
Package Height
0.3 in [8.0 mm]
Shipping (Package)
1.6 oz [45.0 g]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com