Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSLTAD Datasheet (PDF) - StarTech.com Ltd.

KSLTAD Datasheet PDF - StarTech.com Ltd.
Part # KSLTAD
Download  KSLTAD Download
File Size   64.07 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description Security Slot Adapter Kit - K-Slot Lock Plate Adapter for Tablet/iPad/Computer/Monitor/Phone/Laptop - T-Bar Compatible - MacBook Pro/Air - Anti-theft - Slim Design - Silver

KSLTAD Datasheet (PDF)

Go To PDF Page Download Datasheet
KSLTAD Datasheet PDF - StarTech.com Ltd.

Part # KSLTAD
Download  KSLTAD Click to download

File Size   64.07 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description Security Slot Adapter Kit - K-Slot Lock Plate Adapter for Tablet/iPad/Computer/Monitor/Phone/Laptop - T-Bar Compatible - MacBook Pro/Air - Anti-theft - Slim Design - Silver

KSLTAD Datasheet (HTML) - StarTech.com Ltd.


KSLTAD Product details

Features
• ANTI-THEFT PROTECTION: Secure laptops, tablets, monitors, phones & MacBooks with this Security Slot Adapter
Kit that lets you add a K-Slot to any device without a lock slot; Compatible w/ T-Bar Lock
• SLIM DESIGN: This low profile security slot adapter is 0.26" (6.7mm) thick, 1.29" (32.7mm) diameter & silver satin
finish integrates seamlessly with ultra-thin laptops/computers & flat surface devices
• INDUSTRIAL STRENGTH: Includes strong adhesive, alcohol wipe & surface preparation pad; Tested to withstand
up to 296 lbs. of force (depending on surface)
• UNIVERSAL COMPATIBILITY: Secure any device incl MacBook Pro/Air, Ultrabooks, iPad, Chromebooks, displays
& tablets in spaces like classrooms or retail stores by adding a K-Slot laptop lock adapter
• MULTIPURPOSE: This TAA compliant Security Slot Adapter Kit can be mounted to a wall, desk, or other flat
surface to serve as an anchor point for a Kensington style K-Slot laptop lock cable

Applications
• An essential anti-theft tool in high-security environments
• Secure your laptop or other device in public spaces or the office




Similar Part No. - KSLTAD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KSL ETC1-KSL Datasheet
133Kb / 2P
KS SERIES KEY SWITCHES
logo
M-System Co.,Ltd.
KSL MSYSTEM-KSL Datasheet
174Kb / 5P
Plug-in Signal Conditioners K-UNIT
logo
C&K Components
KSL CK-COMPONENTS-KSL Datasheet
482Kb / 5P
Sealed Tact Switch
2021
logo
M-System Co.,Ltd.
KSL-02-B MSYSTEM-KSL-02-B Datasheet
174Kb / 5P
Plug-in Signal Conditioners K-UNIT
KSL-02-B/Q MSYSTEM-KSL-02-B/Q Datasheet
174Kb / 5P
Plug-in Signal Conditioners K-UNIT
More results


Similar Description - KSLTAD

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
PA-1121-10 LITEON-PA-1121-10 Datasheet
286Kb / 3P
Laptop Power Adapter
PA-1121-26 LITEON-PA-1121-26 Datasheet
308Kb / 3P
Laptop Power Adapter
PA-1121-76 LITEON-PA-1121-76 Datasheet
309Kb / 3P
Laptop Power Adapter
PA-1131-08 LITEON-PA-1131-08 Datasheet
287Kb / 3P
Laptop Power Adapter
PA-1131-26 LITEON-PA-1131-26 Datasheet
310Kb / 3P
Laptop Power Adapter
PA-1131-76 LITEON-PA-1131-76 Datasheet
310Kb / 3P
Laptop Power Adapter
PA-1151-08 LITEON-PA-1151-08 Datasheet
287Kb / 3P
Laptop Power Adapter
PA-1181-28 LITEON-PA-1181-28 Datasheet
289Kb / 3P
Laptop Power Adapter
PA-1231-16 LITEON-PA-1231-16 Datasheet
298Kb / 3P
Laptop Power Adapter
PA-1900-88TA LITEON-PA-1900-88TA Datasheet
336Kb / 3P
Laptop Power Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com