Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMM7M Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # HDMM7M
Description  7m High Speed HDMI Cable - Ultra HD 4k x 2k HDMI Cable - HDMI to HDMI M/M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HDMM7M Datasheet(HTML) 2 Page - StarTech.com Ltd.

  HDMM7M Datasheet HTML 1Page - StarTech.com Ltd. HDMM7M Datasheet HTML 2Page - StarTech.com Ltd. HDMM7M Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features
• 2x HDMI Male Connectors
• Gold-plated HDMI connectors
• High quality construction
• Supports Ultra HD Resolutions up to 4k x 2k
Hardware
Warranty
Lifetime
Connector Plating
Gold
Cable Jacket Material
PVC - Polyvinyl Chloride
Cable Shield Material
Aluminum-Mylar Foil with Braid
Performance
Maximum Digital
Resolutions
4K x 2K @ 30 Hz
Connector(s)
Connector A
1 - HDMI (19 pin)
Connector B
1 - HDMI (19 pin)
Physical
Characteristics
Color
Black
Connector Style
Straight
Wire Gauge
24 AWG
Cable Length
23.0 ft [7 m]
Cable OD
0.4 in [10 mm]
Product Length
23.0 ft [7.0 m]
Product Width
0.8 in [20.0 mm]
Product Height
0.4 in [1.1 cm]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com